Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC05 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M54HC05
Description  HEX INVERTER OPEN DRAIN
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC05 Datasheet(HTML) 4 Page - STMicroelectronics

  M54HC05 Datasheet HTML 1Page - STMicroelectronics M54HC05 Datasheet HTML 2Page - STMicroelectronics M54HC05 Datasheet HTML 3Page - STMicroelectronics M54HC05 Datasheet HTML 4Page - STMicroelectronics M54HC05 Datasheet HTML 5Page - STMicroelectronics M54HC05 Datasheet HTML 6Page - STMicroelectronics M54HC05 Datasheet HTML 7Page - STMicroelectronics M54HC05 Datasheet HTML 8Page - STMicroelectronics M54HC05 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AC ELECTRICAL CHARACTERISTICS (CL =50 pF, Input tr =tf =6 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTHL
Output Transition
Time
2.0
30
75
95
110
ns
4.5
8
151922
6.0
7
131619
tPLZ
Propagation
Delay Time
2.0
RL =1K
Ω
20
90
115
135
ns
4.5
11
18
23
27
6.0
10
15
20
23
tPZL
Propagation
Delay Time
2.0
RL =1K
Ω
33
90
115
135
ns
4.5
9
182327
6.0
8
152023
CIN
Input Capacitance
5
10
10
10
pF
COUT
Output
Capacitance
10
pF
CPD (*)
Power Dissipation
Capacitance
6.5
pF
(*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load.
M54/M74HC05
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com