Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS53124RGET Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS53124RGET
Description  Dual Synchronous Step-Down Controller For Low-Voltage Power Rails
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS53124RGET Datasheet(HTML) 2 Page - Texas Instruments

  TPS53124RGET Datasheet HTML 1Page - Texas Instruments TPS53124RGET Datasheet HTML 2Page - Texas Instruments TPS53124RGET Datasheet HTML 3Page - Texas Instruments TPS53124RGET Datasheet HTML 4Page - Texas Instruments TPS53124RGET Datasheet HTML 5Page - Texas Instruments TPS53124RGET Datasheet HTML 6Page - Texas Instruments TPS53124RGET Datasheet HTML 7Page - Texas Instruments TPS53124RGET Datasheet HTML 8Page - Texas Instruments TPS53124RGET Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
TSSOP-28 APPLICATION DIAGRAM
TPS53124PW
(TSSOP28)
LL1
DRVL1
DRVH1
VBST1
EN1
VFB2
VO2
VO1
VFB1
GND
TRIP 2
NC
VREG 5
TRIP 1
PGND 1
C3
C1
4.7uF
L1
3.3uH
R4
R5
R2
R1
C2
0.1uF
Q1
Q2
VO1
C7
4.7uF
C8
1uF
R3
R6
3
28
8
25
26
27
19
9
20
22
23
24
5
7
1
10
11
VIN
TEST2
L2
DRVH 2
VBST2
EN2
PGND 2
DRVL 2
LL 2
3.3uH
VO2
C5
0.1uF
C4
C6
Q4
Q3
14
15
16
17
18
12
4.7uF
V5 FILT 21
13
NC
TEST1
6
NC
2
NC
VIN
VIN
4
C9
VIN
DRVH
TPS53124
SLUS825B – FEBRUARY 2008 – REVISED MAY 2008 ..................................................................................................................................................... www.ti.com
ORDERING INFORMATION(1)
ORDERING PART
TA
PACKAGE
PINS
OUTPUT SUPPLY
ECO PLAN
NUMBER
Plastic quad
TPS53124RGET
24
Tape and Reel
Flat pack (QFN)
TPS53124RGER
24
Tape and Reel
Green (RoHS & no
-40
°C to 85°C
Sb/Br)
TSSOP
TPS53124PWR
28
Tape and Reel
TSSOP
TPS53124PW
28
Tube
(1)
All packaging options have Cu NIPDAU lead/ball finish.
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS53124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com