Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM467 Datasheet(PDF) 5 Page - Analog Microelectronics

Part # AM467
Description  Precision amplifier for bridge circuits
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM467 Datasheet(HTML) 5 Page - Analog Microelectronics

  AM467 Datasheet HTML 1Page - Analog Microelectronics AM467 Datasheet HTML 2Page - Analog Microelectronics AM467 Datasheet HTML 3Page - Analog Microelectronics AM467 Datasheet HTML 4Page - Analog Microelectronics AM467 Datasheet HTML 5Page - Analog Microelectronics AM467 Datasheet HTML 6Page - Analog Microelectronics AM467 Datasheet HTML 7Page - Analog Microelectronics AM467 Datasheet HTML 8Page - Analog Microelectronics AM467 Datasheet HTML 9Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Precision amplifier for bridge circuits
AM467
analog microelectronics
February 2007
Analog Microelectronics GmbH
Phone: +49 (0)6131/91 073 – 0
5/9
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev. 1.0
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
EXTERNAL COMPONENTS
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Capacitor
C1
1
5
nF
Compensation Capacitor
C2
100
pF
Stabilization Capacitor (optional)
C3
100
nF
EMV Protection Capacitor (optional)
C4
470
pF
Load Resistor to GND, to VCC
RL
Vout = max. Vout
20
k
Ω
Table 2: External components of the calibration network
Recommended: ceramic capacitors
DESCRIPTION OF FUNCTIONS
AM457 is an integrated precision circuit for the signal amplification of high-impedance signal
sources and for the signal conditioning of sensor bridges with low sensitivity, particularly for
ceramic and DMS sensing elements or GMR measuring cells.
The IC generates a rail-to-rail output signal of 0.2 V to Vcc-0.2 V. The amplification and offset can
be set independently of one another using external resistors. Through the suitable dimensioning of
external resistors in particular an output voltage of 0.5...4.5 V can also be provided. As these values
are standard the following description refers to this output voltage.
AM467 works on the principle of ratiometry with a supply voltage of 5 V ±5%. The IC is
distinguished by its low offset and extremely low thermal offset drift across a wide temperature
range, enabling it to be classified as a precision amplifier.
The sink and source output stage is protected internally against short-circuiting.
The AM467 design incorporates protective measures against interference from EMV and ESD
using suitable semiconductor structures.
With the exception of the additional operational amplifier and the diagnostic unit the IC is
compatible with AM457. AM467 thus has a smaller chip surface and a lower power consumption.
AM467 can be used as an autonomous signal conditioning IC or as a preamplifier for an A/D
converter for back-end digitization.
EXAMPLE APPLICATION
AM457 is suitable for the amplification of resistance networks connected up as a Wheatstone
bridge with four resistors and which have a low sensitivity, such as 1.0 to 3.5 mV/V with a 5 V
supply, for example. By way of example a sensor application is described herein which is



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com