Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M50LPW080K1G Datasheet(PDF) 13 Page - STMicroelectronics

Part # M50LPW080K1G
Description  8 Mbit 1Mb x8, Uniform Block 3V Supply Low Pin Count Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50LPW080K1G Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M50LPW080K1G Datasheet HTML 9Page - STMicroelectronics M50LPW080K1G Datasheet HTML 10Page - STMicroelectronics M50LPW080K1G Datasheet HTML 11Page - STMicroelectronics M50LPW080K1G Datasheet HTML 12Page - STMicroelectronics M50LPW080K1G Datasheet HTML 13Page - STMicroelectronics M50LPW080K1G Datasheet HTML 14Page - STMicroelectronics M50LPW080K1G Datasheet HTML 15Page - STMicroelectronics M50LPW080K1G Datasheet HTML 16Page - STMicroelectronics M50LPW080K1G Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
13/44
M50LPW080
A10), data signals, (DQ0-DQ7) and three control
signals (RC, G, W). An additional signal, RP, can
be used to reset the memory.
The Address/Address Multiplexed (A/A Mux) Inter-
face is included for use by Flash Programming
equipment for faster factory programming. Only a
subset of the features available to the Low Pin
Count (LPC) Interface are available; these include
all the Commands but exclude the Security fea-
tures and other registers.
The following operations can be performed using
the appropriate bus cycles: Bus Read, Bus Write,
Output Disable and Reset.
When the Address/Address Multiplexed (A/A Mux)
Interface is selected all the blocks are unprotect-
ed. It is not possible to protect any blocks through
this interface.
Bus Read. Bus Read operations are used to out-
put the contents of the Memory Array, the Elec-
tronic Signature and the Status Register. A valid
Bus Read operation begins by latching the Row
Address and Column Address signals into the
memory using the Address Inputs, A0-A10, and
the Row/Column Address Select RC. Then Write
Enable (W) and Interface Reset (RP) must be
High, VIH, and Output Enable, G, Low, VIL, in order
to perform a Bus Read operation. The Data Inputs/
Outputs will output the value, see Figure 13. and
Table 25. for details of when the output becomes
valid.
Bus Write. Bus Write operations write to the
Command Interface. A valid Bus Write operation
begins by latching the Row Address and Column
Address signals into the memory using the Ad-
dress Inputs, A0-A10, and the Row/Column Ad-
dress Select RC. The data should be set up on the
Data Inputs/Outputs; Output Enable, G, and Inter-
face Reset, RP, must be High, VIH and Write En-
able, W, must be Low, VIL. The Data Inputs/
Outputs are latched on the rising edge of Write En-
able, W. See Figure 14. and Table 26. for details
of the timing requirements.
Output Disable. The data outputs are high-im-
pedance when the Output Enable, G, is at VIH.
Reset. During Reset mode all internal circuits are
switched off, the memory is deselected and the
outputs are put in high-impedance. The memory is
in Reset mode when RP is Low, VIL. RP must be
held Low, VIL for tPLPH. If RP is goes Low, VIL, dur-
ing a Program or Erase operation, the operation is
aborted and the memory cells affected no longer
contain valid data; the memory can take up to tPL-
RH to abort a Program or Erase operation.
Table 5. A/A Mux Bus Operations
Table 6. Manufacturer and Device Codes
Operation
G
W
RP
VPP
DQ7-DQ0
Bus Read
VIL
VIH
VIH
Don’t Care
Data Output
Bus Write
VIH
VIL
VIH
VCC or VPPH
Data Input
Output Disable
VIH
VIH
VIH
Don’t Care
Hi-Z
Reset
VIL or VIH
VIL or VIH
VIL
Don’t Care
Hi-Z
Operation
G
W
RP
A19-A1
A0
DQ7-DQ0
Manufacturer Code
VIL
VIH
VIH
VIL
VIL
20h
Device Code
VIL
VIH
VIH
VIL
VIH
2Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com