Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB2136 Datasheet(PDF) 16 Page - Texas Instruments

Part # TUSB2136
Description  Universal Serial Bus Compound Hub with General Purpose 8052 MCU
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB2136 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TUSB2136 Datasheet HTML 12Page - Texas Instruments TUSB2136 Datasheet HTML 13Page - Texas Instruments TUSB2136 Datasheet HTML 14Page - Texas Instruments TUSB2136 Datasheet HTML 15Page - Texas Instruments TUSB2136 Datasheet HTML 16Page - Texas Instruments TUSB2136 Datasheet HTML 17Page - Texas Instruments TUSB2136 Datasheet HTML 18Page - Texas Instruments TUSB2136 Datasheet HTML 19Page - Texas Instruments TUSB2136 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 53 page
background image
2−3
2.2.4
INTCFG: Interrupt Configuration
7
6
5
4
3
210
RSV
RSV
RSV
RSV
I3
I2
I1
I0
R/O
R/O
R/O
R/O
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
0−3
I[3:0]
0010
The MCU can write to this register to set the interrupt delay time for port 2 on the MCU. The value of the
lower nibble represents the delay in ms. Default after reset is 2 ms.
4−7
RSV
0
Reserved
2.2.5
WDCSR: Watchdog Timer, Control, and Status Register
A watchdog timer (WDT) with 1-ms clock is provided. The watchdog timer only works when a USB start-of-frame has
been detected by the TUSB3210. If this register is not accessed for a period of 32 ms, the WDT counter resets the
MCU (see Figure 2−2, Reset Diagram). When the IDL bit in PCON is set, the WDT is suspended until an interrupt
is detected. At this point, the IDL bit is cleared and the WDT resumes operation. The WDE bit of this register is cleared
only on power-up or USB reset (if enabled). When the MCU writes a 1 to the WDE bit of this register the WDT starts
running.
7
6
5
4
3
210
WDE
WDR
RSV
RSV
RSV
RSV
RSV
WDT
R/W
R/W
R/O
R/O
R/O
R/O
R/O
W/O
BIT
NAME
RESET
FUNCTION
0
WDT
0
The MCU must write a 1 to this bit to prevent the WDT from resetting the MCU. If MCU does not write a 1 in a
period of 31 ms, the WDT resets the device. Writing a 0 has no effect on the WDT. (The WDT is a 5-bit
counter using a 1-ms CLK). This bit is read as 0.
5−1
RSV
0
Reserved
6
WDR
0
Watchdog reset indication bit. This bit indicates if the reset occurred due to power-on reset or watchdog
timer reset.
WDR = 0
A power-up or USB reset occurred.
WDR = 1
A watchdog time-out reset occurred. To clear this bit, the MCU must write a 1. Writing a 0 has
no effect.
7
WDE
0
Watchdog timer enable
7
WDE
0
WDE = 0
Disabled
WDE = 1
Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com