Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXP4 Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # EXP4
Description  Plastic Wall Plugs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

EXP4 Datasheet(HTML) 1 Page - Premier Farnell Limited.

  EXP4 Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Plastic Wall Plugs
A choice of four colour coded plastic wall plugs for use with screw sizes 3 - 10mm (4 to 18
gauge).
Ì All purpose lightweight fitting
Ì Anti-rotation ribs at the head of the plug for extra holding power
Ì Four way split
Ì Ideal for use with standard and parallel threaded woodscrews
Ì Supplied in boxes of 100 (10 x 10 clusters)
Technical Data
Colour
Length
Screw Gauge
Drill Size
CPC Code
Yellow
23mm
4-8
5mm
136-7009
Red
31mm
6-10
5.5mm
136-7010
Brown
38mm
8-12
7mm
136-7011
Blue
44mm
14-18
10mm
136-7012
410800
Colour
Order Code
price/box (100)
Yellow
1367009
Red
1367010
Brown
1367011
Blue
1367012


Similar Part No. - EXP4

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
EXP BULGIN-EXP Datasheet
3Mb / 5P
EXP Series EXPlora - Hazardous Area
logo
Laird Tech Smart Techno...
EXP LSTD-EXP Datasheet
191Kb / 1P
Two-Way Radio Antenna
logo
Premier Farnell Limited...
EXP 21/23R DURATOOL-EXP 21/23R Datasheet
164Kb / 1P
Expander Nylon
03/12/12 V1.0
EXP 24/27S DURATOOL-EXP 24/27S Datasheet
164Kb / 1P
Expander Nylon
03/12/12 V1.0
logo
Elektron Components Ltd...
EXP-0911/02/P BULGIN-EXP-0911/02/P Datasheet
3Mb / 5P
EXP Series EXPlora - Hazardous Area
More results

Similar Description - EXP4

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
TT-201 SWITCH-TT-201 Datasheet
33Kb / 1P
MINIATURE, DUMMY PLUGS, HOLE PLUGS
TT203 SWITCH-TT203 Datasheet
33Kb / 1P
MINIATURE, DUMMY PLUGS, HOLE PLUGS
logo
Wall Industries,Inc.
WMM24 WALL-WMM24 Datasheet
157Kb / 6P
90 - 264VAC Single Output, Up to 24 Watts Wall mount with Changeable plugs
logo
STMicroelectronics
STUSB4700 STMICROELECTRONICS-STUSB4700 Datasheet
1Mb / 32P
Smart plugs and wall adapters
22-Mar-2017
logo
Littelfuse
00603400 LITTELFUSE-00603400 Datasheet
127Kb / 1P
13-Pole Plastic Body Plugs ??12V ??ISO 11446
00681400 LITTELFUSE-00681400 Datasheet
149Kb / 1P
2-Pole Aluminum/Plastic Sockets and Plugs ??ISO 4165
logo
Shenzhen Huazhimei Semi...
HM6600 HMSEMI-HM6600 Datasheet
377Kb / 7P
Wall-Adapter/Power Plugs, Outlets
logo
FIBOX Enclosing innovat...
8120832 FIBOX-8120832 Datasheet
60Kb / 2P
Plastic Wall mounting lugs set
11.01.2023
8120833 FIBOX-8120833 Datasheet
62Kb / 2P
Plastic Wall mounting lugs set
11.01.2023
4850001 FIBOX-4850001 Datasheet
39Kb / 1P
Wall mounting kit plastic
01.08.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com