Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D03343 Datasheet(PDF) 2 Page - Premier Farnell Limited.

Part # D03343
Description  Lead Free Solder Wire
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

D03343 Datasheet(HTML) 2 Page - Premier Farnell Limited.

  D03343 Datasheet HTML 1Page - Premier Farnell Limited. D03343 Datasheet HTML 2Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page <2>
V1.0
23/10/19
Lead Free Solder Wire
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Part Number Table
Description
Part Number
Solder Wire, Sn 99.3/Cu 0.7, 0.7mm Dia, 100G
D01685
Solder Wire, Sn 99.3/Cu 0.7, 0.7mm Dia, 500G
D01686
Solder Wire, Sn 99.3/Cu 0.7, 1.2mm Dia, 100G
D01687
Solder Wire, Sn 99.3/Cu 0.7, 1.2mm Dia, 500G
D01688
Solder Wire, Sn 99.3/Cu 0.7, 0.7mm Dia, 50G
D03341
Solder Wire, Sn 99.3/Cu 0.7, 0.7mm Dia, 250G
D03342
Solder Wire, Sn 99.3/Cu 0.7, 1.2mm Dia, 12.5G
D03343
Solder Wire, Sn 99.3/Cu 0.7, 1.2mm Dia, 50G
D03344
Solder Wire, Sn 99.3/Cu 0.7, 1.2mm Dia, 250G
D03345
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. DURATOOL is the registered trademark of Premier Farnell Limited 2019.
Alloy Composition
Sn
Cu
Ag
Ni
Bi
Zn
Ai
Sb
Fe
As
Cd
Pb
In
Au
Rem.
0.5~0.9 0.1 MAX
0~0.01
0.1 MAX 0.001
MAX
0.001
MAX
0.05
MAX
0.02
MAX
0.03
MAX
0.002
MAX
0.05
MAX
0.1
MAX
0.05
MAX



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com