Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W78LE52C Datasheet(PDF) 13 Page - Winbond

Part # W78LE52C
Description  8-BIT MICROCONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W78LE52C Datasheet(HTML) 13 Page - Winbond

Back Button W78LE52C Datasheet HTML 9Page - Winbond W78LE52C Datasheet HTML 10Page - Winbond W78LE52C Datasheet HTML 11Page - Winbond W78LE52C Datasheet HTML 12Page - Winbond W78LE52C Datasheet HTML 13Page - Winbond W78LE52C Datasheet HTML 14Page - Winbond W78LE52C Datasheet HTML 15Page - Winbond W78LE52C Datasheet HTML 16Page - Winbond W78LE52C Datasheet HTML 17Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
W78LE52C/W78L052C
Publication Release Date: April 17, 2007
- 13 -
Revision A4
DC Characteristics, continued
SPECIFICATION
PARAMETER
SYM.
MIN.
MAX.
UNIT
TEST CONDITIONS
Output High Voltage
2.4
-
V
VDD = 4.5V, IOH = -400
μA
VOH2
1.4
-
V
VDD = 2.4V, IOH = -200
μA
PSEN
P0, ALE,
[*2]
Source Current
-100
-250
VDD = 4.5V, Vin = 2.4V
μA
ISR1
-10
-30
VDD = 2.4V, Vin = 1.4V
P1, P2, P3, P4
μA
Source Current
-8
-14
mA
VDD = 4.5V, Vin = 2.4V
ISR2
P0, ALE, PSEN
-1.0
-2.4
mA
VDD = 2.4V, Vin = 1.4V
Notes:
*1. RST pin is a Schmitt trigger input.
*2. P0, ALE and /PSEN are tested in the external access mode.
*3. XTAL1 is a CMOS input.
*4. Pins of P1, P2, P3, P4 can source a transition current when they are being externally driven from 1 to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com