Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VM400 Datasheet(PDF) 1 Page - CBC Group. CBC AMERICA LLC.

Part # VM400
Description  5mm Adapter Ring
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMPUTAR [CBC Group. CBC AMERICA LLC.]
Direct Link  https://www.computar.com/
Logo COMPUTAR - CBC Group. CBC AMERICA LLC.

VM400 Datasheet(HTML) 1 Page - CBC Group. CBC AMERICA LLC.

  VM400 Datasheet HTML 1Page - CBC Group. CBC AMERICA LLC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VM400
5mm Adapter Ring
Attached between lens and camera. It adapts C‐Mount lens to CS‐Mount camera.
Dimensions
Extension Tube
5mm
Lens
C-Mount
Camera
CS-Mount
4
1-32UNF
1-32UNF
5
9
Specification is subject to change without any notice.
2006.4


Similar Part No. - VM400

ManufacturerPart #DatasheetDescription
logo
ABB
VM4 ABB-VM4 Datasheet
459Kb / 4P
Connexion Accessories for Starting Solutions Accessories for AF09 ... AF38 3-pole Contactors
logo
Kemet Corporation
VM474MK122R030P050 KEMET-VM474MK122R030P050 Datasheet
61Kb / 1P
KEMET, VM, Varistors, Through Hole, Dual Function, 38 V, 30 VAC, 47 V, 50 V, 77 V, 10 A, 1.2 kA, 10 J, 12 J, 30 mW
VM474MK801R014P050 KEMET-VM474MK801R014P050 Datasheet
983Kb / 12P
VM Series Dual Function Automotive Grade 125째C
VM474MK801R020P050 KEMET-VM474MK801R020P050 Datasheet
61Kb / 1P
KEMET, VM, Varistors, Through Hole, Dual Function, 26 V, 20 VAC, 33 V, 36 V, 54 V, 5 A, 800 A, 3.2 J, 6 J, 15 mW
logo
Mercury United Electron...
VM47S MERCURY-VM47S Datasheet
98Kb / 1P
Ultra Small SMD seam sealed Temperature Compensated Crystal Oscillator units.
More results

Similar Description - VM400

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPT7000 PCA-EPT7000 Datasheet
20Kb / 1P
Adapter For Token Ring
logo
Glenair, Inc.
310FS001M GLENAIR-310FS001M Datasheet
95Kb / 2P
O-Ring Sealed Shrink Boot Adapter
310FS006M GLENAIR-310FS006M Datasheet
308Kb / 1P
O-Ring Sealed Shrink Boot Adapter
310DH034B GLENAIR-310DH034B Datasheet
86Kb / 2P
O-Ring Sealed Shrink Boot Adapter
440AD001M08 GLENAIR-440AD001M08 Datasheet
55Kb / 2P
EMI/RFI Crimp Ring Adapter
440AH086M08 GLENAIR-440AH086M08 Datasheet
105Kb / 2P
EMI/RFI Tinel-Lock짰 Ring Adapter
logo
OptoSupply Internationa...
OSFRS5LWA OPTOSUPPLY-OSFRS5LWA Datasheet
67Kb / 3P
PRODUCT SPECIFICATION FOR 5mm Round White LED Ring
logo
Glenair, Inc.
310-001 GLENAIR-310-001_08 Datasheet
341Kb / 2P
O-Ring Sealed Shrink Boot Adapter Rotatable Coupling
logo
OptoSupply Internationa...
OSFRS5LXX OPTOSUPPLY-OSFRS5LXX Datasheet
67Kb / 3P
PRODUCT SPECIFICATION FOR 5mm Round White LED Ring
logo
Glenair, Inc.
310-001 GLENAIR-310-001 Datasheet
215Kb / 2P
O-Ring Sealed Shrink Boot Adapter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com