Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT90PWM3 Datasheet(PDF) 72 Page - ATMEL Corporation

Part # AT90PWM3
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3 Datasheet(HTML) 72 Page - ATMEL Corporation

Back Button AT90PWM3 Datasheet HTML 68Page - ATMEL Corporation AT90PWM3 Datasheet HTML 69Page - ATMEL Corporation AT90PWM3 Datasheet HTML 70Page - ATMEL Corporation AT90PWM3 Datasheet HTML 71Page - ATMEL Corporation AT90PWM3 Datasheet HTML 72Page - ATMEL Corporation AT90PWM3 Datasheet HTML 73Page - ATMEL Corporation AT90PWM3 Datasheet HTML 74Page - ATMEL Corporation AT90PWM3 Datasheet HTML 75Page - ATMEL Corporation AT90PWM3 Datasheet HTML 76Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 361 page
background image
73
4317I–AVR–01/08
AT90PWM2/3/2B/3B
Table 11-7 and Table 11-8 relate the alternate functions of Port C to the overriding signals
shown in Figure 11-5 on page 67.
Table 11-7.
Overriding Signals for Alternate Functions in PC7..PC4
Signal Name
PC7/D2A
PC6/ADC10/
ACMP1
PC5/ADC9/
AMP1+
PC4/ADC8/
AMP1-
PUOE
0
0
0
PUOV
0
0
0
DDOE
DAEN
0
0
0
DDOV
0
0
0
0
PVOE
0
0
0
–
PVOV
0
0
0
–
DIEOE
DAEN
ADC10D
ADC9D
ADC8D
DIEOV
0
0
0
0
DI
AIO
–
ADC10 Amp1
ADC9 Amp1+
ADC8 Amp1-
Table 11-8.
Overriding Signals for Alternate Functions in PC3..PC0
Signal Name
PC3/T1/
PSCOUT23
PC2/T0/
PSCOUT22
PC1/PSCIN1/
OC1B
PC0/INT3/
PSCOUT10
PUOE
0000
PUOV
0000
DDOE
PSCen23
PSCen22
0
PSCen10
DDOV
1101
PVOE
PSCen23
PSCen22
OC1Ben
PSCen10
PVOV
PSCout23
PSCout22
OC1B
PSCout10
DIEOE
In3en
DIEOV
In3en
DI
T1
T0
PSCin1
INT3
AIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com