Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M29F002BT45K1 Datasheet(PDF) 17 Page - STMicroelectronics

Part # M29F002BT45K1
Description  2 Mbit 256Kb x8, Boot Block Single Supply Flash Memory
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F002BT45K1 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M29F002BT45K1 Datasheet HTML 13Page - STMicroelectronics M29F002BT45K1 Datasheet HTML 14Page - STMicroelectronics M29F002BT45K1 Datasheet HTML 15Page - STMicroelectronics M29F002BT45K1 Datasheet HTML 16Page - STMicroelectronics M29F002BT45K1 Datasheet HTML 17Page - STMicroelectronics M29F002BT45K1 Datasheet HTML 18Page - STMicroelectronics M29F002BT45K1 Datasheet HTML 19Page - STMicroelectronics M29F002BT45K1 Datasheet HTML 20Page - STMicroelectronics M29F002BT45K1 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
17/22
M29F002BT, M29F002BB, M29F002BNT, M29F002BNB
Table 16. Ordering Information Scheme
Note: The last two characters of the ordering code may be replaced by a letter code for preprogrammed
parts, otherwise devices are shipped from the factory with the memory content bits erased to ’1’.
For a list of available options (Speed, Package, etc...) or for further information on any aspect of this de-
vice, please contact the ST Sales Office nearest to you.
Example:
M29F002BB
45
N
1
T
Device Type
M29
Operating Voltage
F = VCC = 5V ± 10%
Device Function
002B = 2 Mbit (256Kb x8), Boot Block
Array Matrix
T = Top Boot
B = Bottom Boot
NT = Top Boot, No Reset/Block Temporary Unprotect pin
NB = Bottom Boot, No Reset/Block Temporary Unprotect pin
Speed
45 = 45 ns
55 = 55 ns
70 = 70 ns
90 = 90 ns
120 = 120 ns
Package
K = PLCC32
N = TSOP32: 8 x 20 mm
P = PDIP32
Temperature Range
1 = 0 to 70 °C
6 = –40 to 85 °C
3 = –40 to 125 °C
Option
T = Tape & Reel Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com