Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STCSK1128ZP Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # STCSK1128ZP
Description  Countersunk Self Tapping Screws
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

STCSK1128ZP Datasheet(HTML) 1 Page - Premier Farnell Limited.

  STCSK1128ZP Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Length
Price Per Pack (200)
Gauge
(inches)
(mm)
Driver Size
Order Code
No. 4
3
⁄8"
9.5
PZ1
137-7608
No. 4
1
⁄2"
13
PZ1
137-7609
No. 6
1
⁄2"
13
PZ2
137-7610
No. 6
3
⁄4"
20
PZ2
137-7611
No. 6
1"
25
PZ2
137-7612
No. 8
1"
25
PZ2
137-7613
No. 8
11⁄4"
32
PZ2
137-7614
No. 8
11⁄2"
38
PZ2
137-7615
Countersunk Self Tapping Screws
Ì Zinc plated
Ì Fully threaded
Ì Supplied in packs of 200
506880


Similar Part No. - STCSK1128ZP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STCS05 STMICROELECTRONICS-STCS05 Datasheet
683Kb / 16P
0.5 A max constant current LED driver
02-Jul-2008
STCS05A STMICROELECTRONICS-STCS05A Datasheet
854Kb / 18P
0.5 A max constant current LED driver
02-Jul-2008
STCS05ADR STMICROELECTRONICS-STCS05ADR Datasheet
854Kb / 18P
0.5 A max constant current LED driver
02-Jul-2008
STCS05DR STMICROELECTRONICS-STCS05DR Datasheet
683Kb / 16P
0.5 A max constant current LED driver
02-Jul-2008
STCS1 STMICROELECTRONICS-STCS1 Datasheet
435Kb / 17P
1.5 A max constant current LED driver
02-Oct-2007
More results

Similar Description - STCSK1128ZP

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0049 MOLEXKITS-76650-0049 Datasheet
37Kb / 1P
Self-Tapping Wire Splice, Tap-Splice, Pigtail Splice, Parallel Splice and In-Line Splice Connectors
logo
Yamaichi Electronics Co...
CN015RZ-3012-0 YAMAICHI-CN015RZ-3012-0 Datasheet
165Kb / 2P
Direct Mounting, Self Tapping Screw SMT Fixing
logo
Ohmite Mfg. Co.
SINK-C40 OHMITE-SINK-C40 Datasheet
386Kb / 2P
40mm fan with 4 self-tapping M3 screws
logo
Neutrik AG
NL4MD-H NEUTRIK-NL4MD-H Datasheet
66Kb / 3P
4 pole chassis connector, grey D-size flange, self tapping screw holes (A-screw), horizontal PCB mount
NL4MD-H-3 NEUTRIK-NL4MD-H-3 Datasheet
64Kb / 3P
4 pole chassis connector, black D-size flange, self tapping screw holes (A-screw), horizontal PCB mount
NL4MD-V-1 NEUTRIK-NL4MD-V-1 Datasheet
92Kb / 3P
4 pole chassis connector, grey D-size flange, self tapping screw holes (A-screw), vertical PCB mount
NL4MD-V-2 NEUTRIK-NL4MD-V-2 Datasheet
64Kb / 3P
4 pole chassis connector, black D-size flange, mirrored self tapping screw holes (A-screw), vertical PCB mount
NL4MP-1 NEUTRIK-NL4MP-1 Datasheet
92Kb / 3P
4 pole chassis connector, grey D-size flange, self tapping screw holes (A-screw), 3/16" flat tabs
NL4MP-3 NEUTRIK-NL4MP-3 Datasheet
64Kb / 3P
4 pole chassis connector, black D-size flange, self tapping screw holes (A-screw), 3/16" flat tabs
NLT4MD-V NEUTRIK-NLT4MD-V Datasheet
156Kb / 3P
4 pole male chassis connector, metal housing, vertical PCB mount, self tapping screw holes (A-screw)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com