Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LIS344ALH Datasheet(PDF) 17 Page - STMicroelectronics

Part # LIS344ALH
Description  MEMS inertial sensor high performance 3-axis ±2/±6g ultracompact linear accelerometer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS344ALH Datasheet(HTML) 17 Page - STMicroelectronics

Back Button LIS344ALH Datasheet HTML 11Page - STMicroelectronics LIS344ALH Datasheet HTML 12Page - STMicroelectronics LIS344ALH Datasheet HTML 13Page - STMicroelectronics LIS344ALH Datasheet HTML 14Page - STMicroelectronics LIS344ALH Datasheet HTML 15Page - STMicroelectronics LIS344ALH Datasheet HTML 16Page - STMicroelectronics LIS344ALH Datasheet HTML 17Page - STMicroelectronics LIS344ALH Datasheet HTML 18Page - STMicroelectronics LIS344ALH Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
LIS344ALH
Package information
17/19
6
Package information
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level Interconnect is marked on the inner box label, in compliance with JEDEC
Standard JESD97. The maximum ratings related to soldering conditions are also marked on
the inner box label. ECOPACK® is an ST trademark.
ECOPACK® specifications are available at: www.st.com
.
Figure 21.
LGA 16L: mechanical data and package dimensions
Dimensions
Ref.
mm
inch
Min. Typ. Max. Min.
Typ.
Max.
A1
1.500
1.600
0.05910.0630
A2
1.330
0.0524
A3
0.160
0.200
0.240 0.0063 0.0079 0.0094
d0.300
0.0118
D1
3.850
4.000
4.150 0.1516 0.1575 0.1634
E1
3.850
4.000
4.150 0.1516 0.1575 0.1634
L2
1.950
0.0768
M
0.100
0.0039
N1
0.650
0.0256
N2
0.975
0.0384
P1
1.750
0.0689
P2
1.525
0.0600
T1
0.400
0.0157
T2
0.300
0.0118
k
0.050
0.0020
LGA 16L (4x4x1.5mm)
Land Grid Array Package
Outline and
7974136
mechanical data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com