Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML485 Datasheet(PDF) 3 Page - WJ Communication. Inc.

Part # ML485
Description  1.6-3.2 GHz High IP3 Mixer with Integrated LO Amp
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

ML485 Datasheet(HTML) 3 Page - WJ Communication. Inc.

  ML485 Datasheet HTML 1Page - WJ Communication. Inc. ML485 Datasheet HTML 2Page - WJ Communication. Inc. ML485 Datasheet HTML 3Page - WJ Communication. Inc. ML485 Datasheet HTML 4Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc • Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 3 of 4 February 2008 Rev 1
ML485
1.6–3.2 GHz High IP3 Mixer with Integrated LO Amp
Typical Downconversion Performance Plots (cont’d)
Performance using the circuitry on the ML485-PCB Evaluation Board
Input IP3 vs RF Frequency vs Temperature
LO = 0 dBm, IF=51MHz, low-side LO
26
28
30
32
34
36
38
40
1600
1800
2000
2200
2400
2600
2800
3000
3200
RF Frequency (MHz)
+25°C
-40°C
+85°C
Input IP3 vs RF Frequency vs Temperature
LO = 0 dBm, IF=201MHz, low-side LO
26
28
30
32
34
36
38
40
1600
1800
2000
2200
2400
2600
2800
3000
3200
RF Frequency (MHz)
+25°C
-40°C
+85°C
Input IP3 vs RF Frequency vs Temperature
LO = 0 dBm, IF=301MHz, low-side LO
26
28
30
32
34
36
38
40
1600
1800
2000
2200
2400
2600
2800
3000
3200
RF Frequency (MHz)
+25°C
-40°C
+85°C
Input IP3 vs RFFrequency vs LOPower
+25°C,IF=51MHz, low-side LO
26
28
30
32
34
36
38
40
1600
1800
2000
2200
2400
2600
2800
3000
3200
RF Frequency (MHz)
LO= 0 dBm
LO= -2 dBm
LO= 4 dBm
Input IP3 vs RF Frequency vs LO Power
+25°C,IF=201MHz, low-side LO
26
28
30
32
34
36
38
40
1600
1800
2000
2200
2400
2600
2800
3000
3200
RF Frequency (MHz)
LO = 0 dBm
LO = -2 dBm
LO = 4 dBm
Input IP3 vs RFFrequency vs LOPower
+25°C,IF=301MHz, low-side LO
26
28
30
32
34
36
38
40
1600
1800
2000
2200
2400
2600
2800
3000
3200
RF Frequency (MHz)
LO= 0 dBm
LO= -2 dBm
LO= 4 dBm
RF Return Loss vs RF Frequency
+25C, LO = 0 dBm
-30
-25
-20
-15
-10
-5
0
1600
1800
2000
2200
2400
2600
2800
3000
RF Frequency (MHz)
IF = 51MHz
IF = 201MHz
IF = 301MHz
IF Return Loss vs IF Frequency
+25C, LO = 0 dBm
-25
-20
-15
-10
-5
0
50
100
150
200
250
300
IF Frequency (MHz)
LO = 1550MHz
LO =1650MHz
LO = 1750MHz
LO = 1850MHz
LO = 1950MHz
LO = 2050MHz
LO Return Loss vs LO Frequency
+25C, LO = 0 dBm
-25
-20
-15
-10
-5
0
1600
1800
2000
2200
2400
2600
2800
3000
3200
LO Frequency (MHz)
L-R Isolation vs LO Frequency vs Temperature
Referenced with LO = 0 dBm
0
1
2
3
4
5
1600
1800
2000
2200
2400
2600
2800
3000
3200
LO Frequency (MHz)
-40°C
+85°C
+25°C
L-I Isolation vs LO Frequency vs Temperature
Referenced with LO = 0 dBm
5
10
15
20
25
30
35
1600
1800
2000
2200
2400
2600
2800
3000
3200
LO Frequency (MHz)
-40°C
+85°C
+25°C
R-I Isolation vs LO Frequency vs Temperature
Referenced with LO = 0 dBm
4
6
8
10
12
14
16
18
20
1600
1800
2000
2200
2400
2600
2800
3000
3200
LO Frequency (MHz)
-40°C
+85°C
+25°C
Input P1dB vs RF Frequency
+25°C, IF = 201MHz, Low-side LO at 0 dBm
18.0
18.5
19.0
19.5
20.0
20.5
21.0
1600
1800
2000
2200
2400
2600
2800
3000
RF Frequency (MHz)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com