Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OP150GS Datasheet(PDF) 2 Page - Analog Devices

Part # OP150GS
Description  CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP150GS Datasheet(HTML) 2 Page - Analog Devices

  OP150GS Datasheet HTML 1Page - Analog Devices OP150GS Datasheet HTML 2Page - Analog Devices OP150GS Datasheet HTML 3Page - Analog Devices OP150GS Datasheet HTML 4Page - Analog Devices OP150GS Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
OP150/OP250/OP450–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions
Min
Typ
Max
Units
INPUT CHARACTERISTICS
Offset Voltage
OP150
VOS
5mV
–40
°C ≤ T
A
≤ +125°CmV
Offset Voltage
OP250/OP450
VOS
5mV
–40
°C ≤ T
A
≤ +125°CmV
Input Bias Current
IB
10
60
pA
–40
°C ≤ T
A ≤ +125°CpA
Input Offset Current
IOS
25
pA
–40
°C ≤ T
A
≤ +125°CpA
Input Voltage Range
0
3
V
Common-Mode Rejection Ratio
CMRR
VCM = 0 V to 3 V
60
dB
–40
°C ≤ T
A
≤ +125°CdB
Large Signal Voltage Gain
AVO
RL = 10 kΩ, VO = 0.3 V to 2.7 V
40
V/mV
–40
°C ≤ T
A
≤ +125°C
V/mV
Large Signal Voltage Gain
AVO
RL = 2 k
Ω, V
O = 0.3 V to 2.7 V
16
V/mV
Large Signal Voltage Gain
AVO
RL = 1 kΩ, VO = 0.3 V to 2.7 V
10
V/mV
Offset Voltage Drift
∆V
OS/
∆T
µV/°C
Bias Current Drift
∆I
B/
∆T
pA/
°C
Offset Current Drift
∆I
OS/∆T
pA/
°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
IL = 100 µA
2.95
2.99
V
–40
°C to +125°CV
IL = 10 mA
2.95
V
–40
°C to +125°CV
Output Voltage Low
VOL
IL = 100
µA
2
10
mV
–40
°C to +125°CmV
IL = 10 mA
30
55
mV
–40
°C to +125°CmV
Output Current
IOUT
±250
mA
–40
°C to +125°CmA
Open Loop Impedance
ZOUT
f = 1 MHz, AV = 1
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS = 2.7 V to 6 V
70
dB
–40
°C ≤ T
A ≤ +125°C68
dB
Supply Current/Amplifier
ISY
VO = 0 V
500
600
µA
–40
°C ≤ T
A
≤ +125°C
650
µA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL =10 k
Ω
2.7
V/
µs
Settling Time
tS
To 0.01%
µs
Gain Bandwidth Product
GBP
2
MHz
Phase Margin
Øo
75
Degrees
Channel Separation
CS
f = 1 kHz, RL =10 kΩ
dB
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
µV p-p
Voltage Noise Density
en
f = 1 kHz
55
nV/
√Hz
Current Noise Density
in
pA/
√Hz
Specifications subject to change without notice.
(@ VS = +3.0 V, VCM = 0.05 V, VO = 1.4 V, TA = +25 C, unless otherwise noted)
This information applies to a product under development. Its characteristics and specifications are subject to change without notice.
Analog Devices assumes no obligation regarding future manufacture unless otherwise agreed to in writing.
REV. 0
PRELIMINARY TECHNICAL DATA
–2–
OBSOLETE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com