Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D03440 Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # D03440
Description  Screwdriver Sets
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

D03440 Datasheet(HTML) 1 Page - Premier Farnell Limited.

  D03440 Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
08/01/21
Screwdriver Sets
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Features
•  Two colour handle with high torque and an ergonomic comfortable grip
•  High impact and oil resistant plastic handle
•  S2 Steel blades can handle increased torque
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for 
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change 
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, 
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make 
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or 
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its 
negligence. DURATOOL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
Screwdriver Set, 5 Piece
D03440
Screwdriver Set, 12 Piece
D03441
D03440
D03441
Contents
D03440 Kit Contents: 5 Pcs Slotted:  4mm x 100mm, 5.5mm × 125mm, Phillips: PH1 × 100mm, PH2 × 125mm,  
Pozidriv: PZ2 × 125mm Screwdrivers
D03441 Kit Contents: 12 Pcs of Slotted:  3.5mm × 75mm, 4mm × 100mm, 5.5mm × 38mm, 5.5mm × 125mm, 8mm × 175mm, 
Pozidriv: PZ0 × 75mm, PZ1 × 100mm, PZ2 × 125mm,  
Phillips: PH0 × 75mm, PH1 × 100mm, PH2 × 38mm, PH2 × 125mm


Similar Part No. - D03440

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D03442 DURATOOL-D03442 Datasheet
150Kb / 1P
Long Screwdriver Set
05/01/21 V1.0
D03443 DURATOOL-D03443 Datasheet
196Kb / 1P
Tamperproof Torx Screwdriver Set
05/01/21 V1.0
D03444 DURATOOL-D03444 Datasheet
168Kb / 1P
Tamperproof Hex Screwdriver Set
05/01/21 V1.0
D03445 DURATOOL-D03445 Datasheet
222Kb / 1P
Nut Driver Set
05/01/21 V1.0
D03446 DURATOOL-D03446 Datasheet
271Kb / 1P
Precision Screwdriver Sets
15/01/21 V1.0
More results

Similar Description - D03440

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RHK VISHAY-RHK Datasheet
81Kb / 2P
Voltage Multiplier Sets
23-May-05
logo
PHOENIX CONTACT
SF-TXH-SET PHOENIX-SF-TXH-SET Datasheet
47Kb / 2P
The SF-SL screwdriver sets are available with a variety of contents
SF-Z0028 PHOENIX-SF-Z0028 Datasheet
43Kb / 2P
Torque screwdriver
1205040 PHOENIX-1205040 Datasheet
65Kb / 3P
Screwdriver - SZS 0,6X2,5
1205066 PHOENIX-1205066 Datasheet
65Kb / 3P
Screwdriver - SZS 1,0X4,0
1205082 PHOENIX-1205082 Datasheet
65Kb / 3P
Screwdriver - SZS 1,2X8,0
1205121 PHOENIX-1205121 Datasheet
80Kb / 4P
Screwdriver - SZG 0,6X3,5
1205134 PHOENIX-1205134 Datasheet
80Kb / 4P
Screwdriver - SZG 0,9X6,5
1205147 PHOENIX-1205147 Datasheet
60Kb / 3P
Screwdriver - SZK PH0
1207608 PHOENIX-1207608 Datasheet
50Kb / 2P
Screwdriver - ST-BW
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com