Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D03445 Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # D03445
Description  Nut Driver Set
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

D03445 Datasheet(HTML) 1 Page - Premier Farnell Limited.

  D03445 Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page <1>
V1.0
05/01/21
Nut Driver Set
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Features
•  Easy turn attached on the top of the grip
•  Two tone color design for easy identification
•  Chromium-vanadium steel blade
•  Polypropylene TPR grip
Specification
Kit Contents 
:  7 Pcs of Sizes 3mm × 50mm, 3.5mm × 50mm, 4mm × 50mm, 4.5mm × 50mm, 5mm × 50mm,  
5.5mm × 50mm, 6mm × 50mm
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for 
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change 
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, 
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make 
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or 
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its 
negligence. DURATOOL is the registered trademark of Premier Farnell Limited 2019.
Part Number Table
Description
Part Number
Nut Driver Set, 7 Piece
D03445


Similar Part No. - D03445

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
D03440 DURATOOL-D03440 Datasheet
253Kb / 1P
Screwdriver Sets
08/01/21 V1.0
D03442 DURATOOL-D03442 Datasheet
150Kb / 1P
Long Screwdriver Set
05/01/21 V1.0
D03443 DURATOOL-D03443 Datasheet
196Kb / 1P
Tamperproof Torx Screwdriver Set
05/01/21 V1.0
D03444 DURATOOL-D03444 Datasheet
168Kb / 1P
Tamperproof Hex Screwdriver Set
05/01/21 V1.0
D03446 DURATOOL-D03446 Datasheet
271Kb / 1P
Precision Screwdriver Sets
15/01/21 V1.0
More results

Similar Description - D03445

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
26539 ETC2-26539 Datasheet
256Kb / 1P
Wiha Nut Driver Precision Series
48AN008 ETC2-48AN008 Datasheet
120Kb / 2P
Nut
48AN009 ETC2-48AN009 Datasheet
121Kb / 2P
Nut
logo
PHOENIX CONTACT
1049830 PHOENIX-1049830 Datasheet
57Kb / 2P
Nut - FT NUT M25 GN
1457937 PHOENIX-1457937 Datasheet
57Kb / 2P
Nut - FT NUT M25 BK
logo
Schneider Electric
S37426 SCHNEIDER-S37426 Datasheet
89Kb / 2P
terminal nut insert for busbar connection- type M6 - CE standard - set of 2
Apr 19, 2021
KZ30 SCHNEIDER-KZ30 Datasheet
154Kb / 2P
M22 fixing nut - set of 5
Feb 10, 2022
Z01 SCHNEIDER-Z01 Datasheet
113Kb / 2P
nut wrench for M22 fixing nut - set of 5
Feb 10, 2022
logo
PHOENIX CONTACT
1670963 PHOENIX-1670963 Datasheet
56Kb / 3P
Lock nut - Q-SMU PG13,5 SET COD2
09/11/2020
1412077 PHOENIX-1412077 Datasheet
188Kb / 5P
SACC-M14-NUT - Flat nut
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com