Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA0108C-R Datasheet(PDF) 1 Page - Proto Advantage SMD Adapter

Part # PA0108C-R
Description  PLCC-68/JLCC-68/LCC-68 (Pin 1 Out) Compact Series to PGA-68 SMT Adapter (1.27 mm pitch, 25 x 25 mm body)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

PA0108C-R Datasheet(HTML) 1 Page - Proto Advantage SMD Adapter

  PA0108C-R Datasheet HTML 1Page - Proto Advantage SMD Adapter PA0108C-R Datasheet HTML 2Page - Proto Advantage SMD Adapter PA0108C-R Datasheet HTML 3Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet revision 1.1
www.Proto-Advantage.com
PLCC-68/JLCC-68/LCC-68 (Pin 1 Out) Compact Series
to PGA-68 SMT Adapter (1.27 mm pitch, 25 x 25 mm body)
DIMENSIONS
REF.
mm
inches
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
21.75
A2
21.75
B
2.75
C
0.80
D
0.47
E
1.27
F
0.1
G
0.1
H
0.46
X
1.1
Y
1.1
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2007-2021 Proto Advantage™
B
C
D
E
A
A2
PA0108C-R


Similar Part No. - PA0108C-R

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
PA0108C PROTOADVANTAGE-PA0108C Datasheet
316Kb / 3P
PLCC-68/JLCC-68/LCC-68 (Pin 1 In) Compact Series to PGA-68 SMT Adapter (1.27 mm pitch, 25 x 25 mm body)
revision 1.1
More results

Similar Description - PA0108C-R

ManufacturerPart #DatasheetDescription
logo
Hanbit Electronics Co.,...
HMS51232J4 HANBIT-HMS51232J4 Datasheet
69Kb / 6P
SRAM MODULE 2Mbyte (512K x 32-Bit), 68-Pin JLCC Packaging
logo
List of Unclassifed Man...
S894-10-068-00-240000 ETC1-S894-10-068-00-240000 Datasheet
81Kb / 1P
68 POS. PLCC ADAPTER
BT8510 ETC1-BT8510 Datasheet
6Mb / 78P
68-pin Plastic Leaded Chip Carrier (PLCC)
logo
Aries Electronics, Inc.
1109477 ARIES-1109477 Datasheet
754Kb / 1P
64-Pin DIP-to-PLCC 68-Pin Zilog Z80180 Adapter
1110267-N-P ARIES-1110267-N-P Datasheet
467Kb / 1P
68-Pin PLCC-to-DIP 64-Pin Motorola MC68HC000 Adapter
68-304538-10 ARIES-68-304538-10 Datasheet
509Kb / 1P
68-Pin PLCC w/Die Flipped-to-68-Pin PGA for 87C196 IC and Others
logo
Assmann Electronics Inc...
A-CCS68-Z-R ASSMANN-A-CCS68-Z-R Datasheet
268Kb / 1P
PLCC SOCKET 68 PIN, TIN
logo
Aries Electronics, Inc.
18050 ARIES-18050 Datasheet
840Kb / 1P
Zilog Z80180 68-Pin PLCC-to-64-Pin DIP
18054 ARIES-18054 Datasheet
552Kb / 1P
68-Pin PLCC-to-DIP 64-Pin Motorola MC68HC000 Adapter
18072 ARIES-18072 Datasheet
604Kb / 1P
P/N 68-304538-10 68-Pin PLCC w/Die Flipped-to-68-Pin PGA for 87C196 IC and Others
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com