Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA0111C-R Datasheet(PDF) 1 Page - Proto Advantage SMD Adapter

Part # PA0111C-R
Description  PLCC-84/JLCC-84/LCC-84 (Pin 1 Out) Compact Series to PGA-84 SMT Adapter (1.27 mm pitch, 30 x 30 mm body)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

PA0111C-R Datasheet(HTML) 1 Page - Proto Advantage SMD Adapter

  PA0111C-R Datasheet HTML 1Page - Proto Advantage SMD Adapter PA0111C-R Datasheet HTML 2Page - Proto Advantage SMD Adapter PA0111C-R Datasheet HTML 3Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet revision 1.0
www.Proto-Advantage.com
PLCC-84/JLCC-84/LCC-84 (Pin 1 Out) Compact Series
to PGA-84 SMT Adapter (1.27 mm pitch, 30 x 30 mm body)
DIMENSIONS
REF.
mm
inches
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
26.95
A2
26.95
B
2.75
C
0.80
D
0.47
E
1.27
F
0.1
G
0.1
H
0.46
X
1.3
Y
1.3
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2007-2021 Proto Advantage™
B
C
D
E
A
A2
PA0111C-R


Similar Part No. - PA0111C-R

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
PA0111C PROTOADVANTAGE-PA0111C Datasheet
227Kb / 3P
PLCC-84/JLCC-84/LCC-84 (Pin 1 In) Compact Series to PGA-84 SMT Adapter (1.27 mm pitch, 30 x 30 mm body)
revision 1.0
More results

Similar Description - PA0111C-R

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
D8SB10 LRC-D8SB10 Datasheet
61Kb / 2P
84(SIP) BRIDGE RECTIFIERS
logo
National Semiconductor ...
U84C NSC-U84C Datasheet
71Kb / 1P
84 Pin Ceramic Pin Grid Array
logo
ACCUTEK MICROCIRCUIT CO...
AK64D600-TSSOP.65 ACCUTEK-AK64D600-TSSOP.65 Datasheet
241Kb / 5P
64 Pin to 84 Pin DIP Adapters
logo
RSG Electronic Componen...
CEB75 RSG-CEB75 Datasheet
427Kb / 1P
30-84 WATT 1/8 BRICK DC-DC CONVERTERS
logo
Ironwood Electronics.
CA-PLCC84-Z-C-T-01 IRONWOOD-CA-PLCC84-Z-C-T-01 Datasheet
24Kb / 1P
PLCC Carrier Adaptor 84 position PLCC ZIF socket to 84 position PLCC clip with test points.
CA-PLCC084-Z-P-T-01 IRONWOOD-CA-PLCC084-Z-P-T-01 Datasheet
30Kb / 1P
CARRIER ADAPTOR 84 position PLCC ZIF socket with test points to 84 position PLCC plug.
logo
Molex Electronics Ltd.
932880001 MOLEX11-932880001 Datasheet
320Kb / 1P
SRC2 MALE 84 PIN BLADE HOUSING ASSEMBLY
logo
Recom International Pow...
RO-E RECOM-RO-E Datasheet
90Kb / 2P
High Efficiency up to 84%
logo
Agilent(Hewlett-Packard...
84FS HP-84FS Datasheet
680Kb / 3P
Agilent TwisTorr 84 FS
logo
CamdenBoss Ltd.
CUE84 CAMDENBOSS-CUE84 Datasheet
168Kb / 1P
84 Series Network ABS Enclosure
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com