Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRCS2277S Datasheet(PDF) 9 Page - International Rectifier

Part # IRCS2277S
Description  IRCS2277S Demo Board
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRCS2277S Datasheet(HTML) 9 Page - International Rectifier

Back Button IRCS2277S Datasheet HTML 5Page - International Rectifier IRCS2277S Datasheet HTML 6Page - International Rectifier IRCS2277S Datasheet HTML 7Page - International Rectifier IRCS2277S Datasheet HTML 8Page - International Rectifier IRCS2277S Datasheet HTML 9Page - International Rectifier IRCS2277S Datasheet HTML 10Page - International Rectifier IRCS2277S Datasheet HTML 11Page - International Rectifier IRCS2277S Datasheet HTML 12Page - International Rectifier IRCS2277S Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet rev 0.2
IRCS2277S
www.irf.com
page
9/20
May 5
th, 2005
The following table shows the names of these components on board.
U
V
W
CVCC
C5
C12
C19
Cboot*
C7
C15
C22
Cboot**
C8
C14
C21
Rboot*
R6
R13
R20
Rboot**
R9
R16
R23
G0 and G1 selection
G0 and G1 gain selectors of each IR2277S device can be set by using P2, P3, P6, P7 and P10, P11
jumpers.
Other extra components
These components are provided to make IRMD2277S board as customizable as possible. In many cases
the use of the extra components is not necessary.
Clamping Diode for Vs below ground
This solution preserves the device when the VS, Vinp and Vinm pins go below ground out of the device
absolute maximum ratings. The pins voltage is clamped to the maximum value allowed by a zener diode.
VCC
VSS
VB
VS
Rboot
**
15V
CVCC
DC+
Phase
Clamping
structure with
zener diode
Rvinp
Rvinm
Shunt
VINP
VINM
Figure 5: undershoot clamp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com