Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFP4410ZPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFP4410ZPBF
Description  HEXFET Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP4410ZPBF Datasheet(HTML) 2 Page - International Rectifier

  IRFP4410ZPBF Datasheet HTML 1Page - International Rectifier IRFP4410ZPBF Datasheet HTML 2Page - International Rectifier IRFP4410ZPBF Datasheet HTML 3Page - International Rectifier IRFP4410ZPBF Datasheet HTML 4Page - International Rectifier IRFP4410ZPBF Datasheet HTML 5Page - International Rectifier IRFP4410ZPBF Datasheet HTML 6Page - International Rectifier IRFP4410ZPBF Datasheet HTML 7Page - International Rectifier IRFP4410ZPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRFP4410ZPbF
2
www.irf.com
Notes:
 Repetitive rating; pulse width limited by max. junction
temperature.
‚ Limited by TJmax, starting TJ = 25°C, L = 0.143mH
RG = 25Ω, IAS = 58A, VGS =10V. Part not recommended for use
above this value.
ƒ ISD ≤ 58A, di/dt ≤ 610A/µs, VDD ≤ V(BR)DSS, TJ ≤ 175°C.
„ Pulse width ≤ 400µs; duty cycle ≤ 2%.
S
D
G
… Coss eff. (TR) is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
† Coss eff. (ER) is a fixed capacitance that gives the same energy as
Coss while VDS is rising from 0 to 80% VDSS.
‡ When mounted on 1" square PCB (FR-4 or G-10 Material). For recom-
mended footprint and soldering techniques refer to application note #AN-994.
ˆ Rθ is measured at TJ approximately 90°C.
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
100
–––
–––
V
∆V
(BR)DSS/
∆T
J
Breakdown Voltage Temp. Coefficient
–––
0.12
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
7.2
9.0
m
Ω
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
RG
Internal Gate Resistance
–––
0.70
–––
Ω
Dynamic @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
gfs
Forward Transconductance
140
–––
–––
S
Qg
Total Gate Charge
–––
83
120
nC
Qgs
Gate-to-Source Charge
–––
19
–––
Qgd
Gate-to-Drain ("Miller") Charge
–––
27
Qsync
Total Gate Charge Sync. (Qg - Qgd)
–––
56
–––
td(on)
Turn-On Delay Time
–––
16
–––
ns
tr
Rise Time
–––
52
–––
td(off)
Turn-Off Delay Time
–––
43
–––
tf
Fall Time
–––
57
–––
Ciss
Input Capacitance
–––
4820
–––
pF
Coss
Output Capacitance
–––
340
–––
Crss
Reverse Transfer Capacitance
–––
170
–––
Coss eff. (ER) Effective Output Capacitance (Energy Related)
h –––
420
–––
Coss eff. (TR) Effective Output Capacitance (Time Related)
g
–––
690
–––
Diode Characteristics
Symbol
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
97
A
(Body Diode)
ISM
Pulsed Source Current
–––
–––
390
A
(Body Diode)
c
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
38
57
ns
TJ = 25°C
VR = 85V,
–––
46
69
TJ = 125°C
IF = 58A
Qrr
Reverse Recovery Charge
–––
53
80
nC
TJ = 25°C
di/dt = 100A/µs
f
–––
82
120
TJ = 125°C
IRRM
Reverse Recovery Current
–––
2.5
–––
A
TJ = 25°C
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
ID = 58A
RG =2.7
Ω
VGS = 10V
f
VDD = 65V
ID = 58A, VDS =0V, VGS = 10V
f
TJ = 25°C, IS = 58A, VGS = 0V
f
integral reverse
p-n junction diode.
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 5mA
c
VGS = 10V, ID = 58A
f
VDS = VGS, ID = 150µA
VDS = 100V, VGS = 0V
VDS = 80V, VGS = 0V, TJ = 125°C
MOSFET symbol
showing the
VDS =50V
Conditions
VGS = 10V
f
VGS = 0V
VDS = 50V
ƒ = 1.0MHz, See Fig.5
VGS = 0V, VDS = 0V to 80V
h, See Fig.11
VGS = 0V, VDS = 0V to 80V
g
Conditions
VDS = 10V, ID = 58A
ID = 58A
VGS = 20V
VGS = -20V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com