Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC660EP Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC660EP
Description  CMOS Quad Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC660EP Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LMC660EP Datasheet HTML 7Page - National Semiconductor (TI) LMC660EP Datasheet HTML 8Page - National Semiconductor (TI) LMC660EP Datasheet HTML 9Page - National Semiconductor (TI) LMC660EP Datasheet HTML 10Page - National Semiconductor (TI) LMC660EP Datasheet HTML 11Page - National Semiconductor (TI) LMC660EP Datasheet HTML 12Page - National Semiconductor (TI) LMC660EP Datasheet HTML 13Page - National Semiconductor (TI) LMC660EP Datasheet HTML 14Page - National Semiconductor (TI) LMC660EP Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Typical Single-Supply Applications
(V
+ = 5.0 VDC)
Additional single-supply applications ideas can be found in
the LM324 datasheet. The LMC660EP is pin-for-pin compat-
ible with the LM324 and offers greater bandwidth and input
resistance over the LM324. These features will improve the
performance of many existing single-supply applications.
Note, however, that the supply voltage range of the
LMC660EP is smaller than that of the LM324.
Low-Leakage Sample-and-Hold
20114507
Instrumentation Amplifier
20114508
If R1 = R5, R3 = R6, and R4 = R7; then
∴ A
V
≈100 for circuit shown.
For good CMRR over temperature, low drift resistors should
be used. Matching of R3 to R6 and R4 to R7 affect CMRR.
Gain may be adjusted through R2. CMRR may be adjusted
through R7.
Sine-Wave Oscillator
20114509
Oscillator frequency is determined by R1, R2, C1, and C2:
fosc = 1/2
πRC, where R = R1 = R2 and
C=C1=C2.
This circuit, as shown, oscillates at 2.0 kHz with a peak-to-
peak output swing of 4.5V.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com