Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2010C Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC2010C
Description  N Male Open Circuit Connector Cap With 2.5 Inch Chain
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC2010C Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC2010C Datasheet HTML 1Page - Infinite Electronics International, Inc. SC2010C Datasheet HTML 2Page - Infinite Electronics International, Inc. SC2010C Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV 2.1 Page 1 of 3
Copyright © 2018
RF connector dust cap SC2010C from Fairview Microwave is constructed with an
N connection and has a male gender. This N male dust cap is designed as non-
shorting and the body is nickel plated to ensure its durability. The non-shorting N
connector cap from Fairview Microwave is designed with a 2.5 inch chain and is
in-stock for same day shipment.
RF dust caps are essential for precision connectors to protect them from
dust, corrosion and other potential damage especially when using on test and
measurement equipment. Some RF connector cap models are designed with a
chain to prevent loss or misplacement. Internal shorting connector cap models
are available and help to protect equipment from a spike in current commonly
caused by ESD (Electro Static Discharge).
Mechanical Specifications
Configuration
Connector
N Male Non-Shorting
Chain Option
2.5 in Chain
.
.
Description
Material
Plating
Body
Brass
Nickel
100µ” min.
Gasket
Silicone
Chain
Brass
Nickel
Size
Length
0.57 in [14.48 mm]
Width
0.71 in [18.03 mm]
.
Weight
0.026 lbs [11.79 g]
SC2010C
DATA SHEET
N Male Open Circuit Connector Cap With 2.5 Inch
Chain
Fairview Microwave
301 Leora Ln., Suite 100
Lewisville, TX 75056
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Features:
• Protects against dust
and contaminants
• Protects against physical damage
• Nickel Plated Body
• Chain Included
Applications:
• General Purpose Laboratory Use
• Test and Measurement


Similar Part No. - SC2010C

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
SC201 FUJI-SC201 Datasheet
70Kb / 3P
FAST RECOVERY DIODE
logo
Polyfet RF Devices
SC201 POLYFET-SC201 Datasheet
62Kb / 2P
SILICON GATE ENHANCEMENT MODE
logo
Infinite Electronics In...
SC2011C FAIRVIEW-SC2011C Datasheet
452Kb / 3P
N Male Open Circuit Connector Cap With 2.76 Inch Chain
REV 1.1
logo
Jinan Jing Heng Electro...
SC20120PT JINGHENG-SC20120PT Datasheet
760Kb / 5P
Silicon Carbide Schottky Diode
logo
Infinite Electronics In...
SC2015 FAIRVIEW-SC2015 Datasheet
443Kb / 3P
SC2015 DATA SHEET N Male Open Circuit Connector Cap
REV 2.0
More results

Similar Description - SC2010C

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6016 PASTERNACK-PE6016 Datasheet
235Kb / 2P
Non-Shorting Dust Cap for N Male With 2.7 Inch Chain
PE6046 PASTERNACK-PE6046 Datasheet
231Kb / 2P
Non-Shorting Dust Cap for C Male With 2.5 Inch Chain
PE6126 PASTERNACK-PE6126 Datasheet
233Kb / 2P
Non-Shorting Dust Cap for 75 Ohm SMC Male With 2.5 Inch Chain
PE6131 PASTERNACK-PE6131 Datasheet
202Kb / 2P
Shorting Dust Cap for SMA Male With 2.5 Inch Chain
PE6132 PASTERNACK-PE6132 Datasheet
204Kb / 2P
Shorting Dust Cap for SMA Female With 2.5 Inch Chain
PE6119 PASTERNACK-PE6119_16 Datasheet
416Kb / 3P
SMA Female Non-Shorting Dust Cap With 2.5 Inch Chain
PE6121 PASTERNACK-PE6121_16 Datasheet
428Kb / 3P
SMB Plug Non-Shorting Dust Cap With 2.5 Inch Chain
PE6129 PASTERNACK-PE6129_16 Datasheet
417Kb / 3P
N Male Shorting Dust Cap With 4 Inch Chain
PE6131 PASTERNACK-PE6131_16 Datasheet
417Kb / 3P
SMA Male Shorting Dust Cap With 2.5 Inch Chain
PE6132 PASTERNACK-PE6132_17 Datasheet
346Kb / 3P
SMA Female Shorting Dust Cap With 2.5 Inch Chain
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com