Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMC660AIMEP Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMC660AIMEP
Description  CMOS Quad Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMC660AIMEP Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LMC660AIMEP Datasheet HTML 7Page - National Semiconductor (TI) LMC660AIMEP Datasheet HTML 8Page - National Semiconductor (TI) LMC660AIMEP Datasheet HTML 9Page - National Semiconductor (TI) LMC660AIMEP Datasheet HTML 10Page - National Semiconductor (TI) LMC660AIMEP Datasheet HTML 11Page - National Semiconductor (TI) LMC660AIMEP Datasheet HTML 12Page - National Semiconductor (TI) LMC660AIMEP Datasheet HTML 13Page - National Semiconductor (TI) LMC660AIMEP Datasheet HTML 14Page - National Semiconductor (TI) LMC660AIMEP Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
Typical Single-Supply Applications
(V+ = 5.0 VDC) (Continued)
1 Hz Square-Wave Oscillator
20114510
Power Amplifier
20114511
10 Hz Bandpass Filter
20114512
fO =10Hz
Q = 2.1
Gain = −8.8
10 Hz High-Pass Filter
20114513
fc =10Hz
d = 0.895
Gain = 1
2 dB passband ripple
1 Hz Low-Pass Filter
(Maximally Flat, Dual Supply Only)
20114514
fc =1Hz
d = 1.414
Gain = 1.57
High Gain Amplifier with Offset
Voltage Reduction
20114515
Gain = −46.8
Output offset voltage reduced to the level of the input offset voltage of the
bottom amplifier (typically 1 mV).
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com