Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2124 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SC2124
Description  BNC Female Short Circuit Connector Cap
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SC2124 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SC2124 Datasheet HTML 1Page - Infinite Electronics International, Inc. SC2124 Datasheet HTML 2Page - Infinite Electronics International, Inc. SC2124 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV 1.1 Page 1 of 3
Copyright © 2016
RF connector dust cap SC2124 from Fairview Microwave is constructed with a
BNC connection and has a female gender. This BNC female dust cap is designed
as shorting and the body is nickel plated to ensure its durability. The shorting BNC
connector cap from Fairview Microwave is in-stock for same day shipment.
RF dust caps are essential for precision connectors to protect them from
dust, corrosion and other potential damage especially when using on test and
measurement equipment. Some RF connector cap models are designed with a
chain to prevent loss or misplacement. Internal shorting connector cap models
are available and help to protect equipment from a spike in current commonly
caused by ESD (Electro Static Discharge).
Mechanical Specifications
Configuration
Connector
BNC Female Shorting
.
.
Description
Material
Plating
Contact
Beryllium Copper
Gold
30µ” min.
Body
Brass
Nickel
100µ” min.
Size
Length
0.66 in [16.76 mm]
Width
0.51 in [12.95 mm]
.
Weight
0.025 lbs [11.34 g]
Environmental Specifications
Temperature
Operating Range
-65 to +165 deg C
Compliance Certifications (visit www.FairviewMicrowave.com for current
document)
RoHS Compliant
Yes
REACH Compliant
12/17/2015
SC2124
DATA SHEET
BNC Female Short Circuit Connector Cap
Fairview Microwave
1130 Junction Dr. #100
Allen, TX 75013
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Features:
• Protects against dust
and contaminants
• Protects against physical damage
• Nickel Plated Body
• Internally Shorted
Applications:
• General Purpose Laboratory Use
• Test and Measurement
• ESD Protection


Similar Part No. - SC2124

ManufacturerPart #DatasheetDescription
logo
VITALCONN ELECTRONICS H...
SC212 VITALCONN-SC212 Datasheet
283Kb / 3P
SFP2*1 CAGECONN
logo
Infinite Electronics In...
SC2122 FAIRVIEW-SC2122 Datasheet
446Kb / 3P
BNC Male Short Circuit Connector Cap
REV 1.1
logo
Silan Microelectronics ...
SC2128A SILAN-SC2128A Datasheet
221Kb / 15P
REMOTE FAN CONTROL IC
SC2128A-C20B SILAN-SC2128A-C20B Datasheet
221Kb / 15P
REMOTE FAN CONTROL IC
SC2128A-C20D SILAN-SC2128A-C20D Datasheet
221Kb / 15P
REMOTE FAN CONTROL IC
More results

Similar Description - SC2124

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
4160 POMONA-4160 Datasheet
24Kb / 1P
Connector, BNC (Female), Bulkhead
logo
Winchester Electronics ...
SD758-8-5 WINCHESTER-SD758-8-5 Datasheet
42Kb / 1P
BNC CAP & CORD ASSY
SDKC-89-180 WINCHESTER-SDKC-89-180 Datasheet
72Kb / 1P
BNC DUST CAP
logo
Pasternack Enterprises,...
PE6108 PASTERNACK-PE6108 Datasheet
69Kb / 1P
BNC FEMALE CAP
PE6030 PASTERNACK-PE6030 Datasheet
232Kb / 2P
Shorting Dust Cap for BNC Female
logo
List of Unclassifed Man...
BU-P3839 ETC2-BU-P3839 Datasheet
162Kb / 1P
BNC Female Cap
logo
Winchester Electronics ...
7584023 WINCHESTER-7584023 Datasheet
63Kb / 1P
CAP, BNC, M
logo
Pasternack Enterprises,...
PE6108 PASTERNACK-PE6108_16 Datasheet
413Kb / 3P
BNC Female Non-Shorting Dust Cap
PE6128 PASTERNACK-PE6128_16 Datasheet
420Kb / 3P
BNC Female Shorting Dust Cap With 4 Inch Chain
logo
Molex Electronics Ltd.
0734120060 MOLEX-0734120060_V01 Datasheet
34Kb / 1P
BNC Plug Dust Cap
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com