Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D00034. Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # D00034.
Description  12-in-1 Extending Precision Screwdriver
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

D00034. Datasheet(HTML) 1 Page - Premier Farnell Limited.

  D00034. Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Order Code
Price Each
152-0824
12-in-1 Extending Precision Screwdriver
Ì Ideal for precision and electronic applications
Ì Extendable from 120mm to 185mm, for hard to reach places
Ì Allows user to work in narrow areas
Ì Pen-clip for convenient carrying
Ì Screwdriver bits store easily in handle
Ì 6 x double-ended screwdriver bits:
- Slotted: 1.5, 2, 2.5mm
- Phillips: PH000, 00, 0
- Torx: T4, 6, 7, 8, 10, 15
Ì Length: 120mm
506110


Similar Part No. - D00034.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D00030093000 ETC2-D00030093000 Datasheet
1Mb / 3P
Durable, rugged construction
D00030094000 ETC2-D00030094000 Datasheet
1Mb / 3P
Durable, rugged construction
D00030095000 ETC2-D00030095000 Datasheet
1Mb / 3P
Durable, rugged construction
D00030581000 ETC2-D00030581000 Datasheet
1Mb / 3P
Durable, rugged construction
D00030582000 ETC2-D00030582000 Datasheet
1Mb / 3P
Durable, rugged construction
More results

Similar Description - D00034.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
144-7390 ETC1-144-7390 Datasheet
34Kb / 1P
6-in-1 Gearless Angled Ratchet Screwdriver
logo
Monolithic Power System...
MP3399 MPS-MP3399 Datasheet
551Kb / 19P
12-String, Cascading White LED Driver For Extending LED Channels
logo
List of Unclassifed Man...
13915 ETC2-13915 Datasheet
20Kb / 1P
Item 13915, Size No. 1 Phillips Screwdriver
logo
Silicon Laboratories
AN329 SILABS-AN329 Datasheet
115Kb / 4P
EXTENDING THE FULL-SCALE RANGE
logo
PHOENIX CONTACT
1206450 PHOENIX-1206450 Datasheet
60Kb / 3P
Philips screwdriver - SZK PZ-1
1206612 PHOENIX-1206612 Datasheet
55Kb / 4P
Screwdriver - SZF 3-1, 0X5,5
1212283 PHOENIX-1212283 Datasheet
49Kb / 3P
Philips screwdriver - SF-PHSL 1-80 VDE
1212559 PHOENIX-1212559 Datasheet
49Kb / 3P
Philips screwdriver - SF-PH 1-80
1212563 PHOENIX-1212563 Datasheet
51Kb / 2P
Philips screwdriver - SF-PZ 1-80
logo
Beckhoff Automation Gmb...
C9900-E2XX BECKHOFF-C9900-E2XX Datasheet
176Kb / 2P
Slotbox for extending Industrial PCs with two plug-in card slots
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com