Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRA751ABC Datasheet(PDF) 84 Page - Texas Instruments

Part # DRA751ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA751ABC Datasheet(HTML) 84 Page - Texas Instruments

Back Button DRA751ABC Datasheet HTML 80Page - Texas Instruments DRA751ABC Datasheet HTML 81Page - Texas Instruments DRA751ABC Datasheet HTML 82Page - Texas Instruments DRA751ABC Datasheet HTML 83Page - Texas Instruments DRA751ABC Datasheet HTML 84Page - Texas Instruments DRA751ABC Datasheet HTML 85Page - Texas Instruments DRA751ABC Datasheet HTML 86Page - Texas Instruments DRA751ABC Datasheet HTML 87Page - Texas Instruments DRA751ABC Datasheet HTML 88Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 443 page
background image
Copyright © 2015–2019, Texas Instruments Incorporated
Terminal Configuration and Functions
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
84
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Table 4-3. Multiplexing Characteristics (continued)
ADDRESS
REGISTER NAME
BALL
NUMBER
MUXMODE FIELD SETTINGS (CTRL_CORE_PAD_*[3:0])
0
1
2
3
4
5
6
7
8
9
10
14
15
AH26
ddr1_d3
AD21
ddr1_a10
N28
ddr2_a12
Y25
ddr1_ecc_d4
AE17
ddr1_a14
AH18
hdmi1_data1y
AH22
ddr1_a5
J26
ddr2_d14
W22
ddr1_ecc_d0
V23
ddr1_ecc_d1
AE12
usb_rxp0
AE14
rtc_osc_xi_clki
n32
AH11
pcie_rxp1
AB2
mlbp_clk_n
AG23
ddr1_a6
H27
ddr2_dqs1
AB18
ddr1_ba2
AG17
hdmi1_data0x
AF26
ddr1_d1
H25
ddr2_d9
M25
ddr2_d30
AD11
usb_txp0
AC1
mlbp_sig_p
L27
ddr2_d24
V27
ddr1_dqs_ecc
AF17
ddr1_ba0
AE26
ddr1_d12
G24
ddr2_dqm1
K27
ddr2_dqs2
AC19
ddr1_a1
AG13
pcie_rxn0
L26
ddr2_d25
AB28
ddr1_d18
N23
ddr2_a10
M22
ddr2_dqm3
U26
ddr2_ba2
Y26
ddr1_ecc_d7
P24
ddr2_csn0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com