Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R3119X024X Datasheet(PDF) 13 Page - Nisshinbo Micro Devices Inc.

Part # R3119X024X
Description  36 V Input Voltage Detector with Delay Function for Industrial Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R3119X024X Datasheet(HTML) 13 Page - Nisshinbo Micro Devices Inc.

Back Button R3119X024X Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. R3119X024X Datasheet HTML 10Page - Nisshinbo Micro Devices Inc. R3119X024X Datasheet HTML 11Page - Nisshinbo Micro Devices Inc. R3119X024X Datasheet HTML 12Page - Nisshinbo Micro Devices Inc. R3119X024X Datasheet HTML 13Page - Nisshinbo Micro Devices Inc. R3119X024X Datasheet HTML 14Page - Nisshinbo Micro Devices Inc. R3119X024X Datasheet HTML 15Page - Nisshinbo Micro Devices Inc. R3119X024X Datasheet HTML 16Page - Nisshinbo Micro Devices Inc. R3119X024X Datasheet HTML 17Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
R3119x-Y
NO.EA-378-160613
13
POWER SEQUENCE
The R3119xxxxE can supervise the voltage of the SENSE pin. Regarding the power-on sequence, the SENSE
pin must be powered on after the power-on to the VDD pin, as shown below.
If the SENSE pin voltage is equal or more than the released voltage (+VDET), DOUT pin becomes "H". Besides,
a voltage beyond VDD pin is also acceptable to SENSE pin.
t
VDD
VDOUT
VSENSE
+VDET
Power-On Timing Diagram
GLITCH DETECTION by VDD, SENSE PINS
The following graphs are the released conditions when a pulse voltage less than or equal to the detector
threshold (−VDET) is applied to VDD (R3119xxxxA) / VSENSE (R3119xxxxE) pin during the release operation. This
graph indicates the maximum pulse condition. If a pulse increased in width and voltage is applied to VDD
(R3119xxxxA) / VSENSE (R3119xxxxE), the reset signal may occur.
R3119xxxxA Pulse Width vs. Over Drive Voltage R3119xxxxE Pulse Width vs. Over Drive Voltage
−VDET
Over Drive
Pulse Width
VDD / VSENSE
VDD / VSENSE Input Waveform
0
50
100
150
200
250
300
350
1
10
100
1000
Over Drive Voltage (mV)
R3119x120A
R3119x023A
0
50
100
150
200
250
300
350
1
10
100
1000
Over Drive Voltage (mV)
R3119x120E
R3119x023E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com