Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC153 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC153
Description  HC253 DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT HC153 DUAL 4 CHANNEL MULTIPLEXER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC153 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC153 Datasheet HTML 1Page - STMicroelectronics M54HC153 Datasheet HTML 2Page - STMicroelectronics M54HC153 Datasheet HTML 3Page - STMicroelectronics M54HC153 Datasheet HTML 4Page - STMicroelectronics M54HC153 Datasheet HTML 5Page - STMicroelectronics M54HC153 Datasheet HTML 6Page - STMicroelectronics M54HC153 Datasheet HTML 7Page - STMicroelectronics M54HC153 Datasheet HTML 8Page - STMicroelectronics M54HC153 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
M54HC153/253
M74HC153/253
January 1993
HC253 DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT
HC153 DUAL 4 CHANNEL MULTIPLEXER
B1R
(Plastic Package)
ORDER CODES :
M54HCXXXF1R
M74HCXXXM1R
M74HCXXXB1R
M74HCXXXC1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
DESCRIPTION
.
HIGH SPEED
tPD = 12 ns (TYP.) at VCC =5 V
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) at TA =25 °C
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
IOH =IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V to 6 V
.
PIN AND FUNCTION COMPATIBLE WITH
54/74LS153/253
The M54/74HC153 and M54/74HC253 are high
speed CMOS DUAL 4-CHANNEL MULTIPLEXERS
fabricated with silicon gate C
2MOS technology.
Both achieve high speed operation, similar to equi-
valent LSTTL, while maintaining the CMOS low
power dissipation.
The designer has a choice of complementary output
(HC153) and 3-state output (HC253).
Each of these data (1C0-1C3, 2C0-2C3) is selected
by the two address inputs A and B.
Separate strobe inputs (1G, 2G) are provided for
each of the two four-line sections. The strobe input
(G) can be used to inhibit the data output ; the output
of HC 153 is fixed at a low level and the output of
HC253 is a high impedance, while the strobe input
is held low.
All inputs are equipped with protection circuits
against static discharge and transient excess volt-
age.
1/12


Similar Part No. - M54HC153

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC153 STMICROELECTRONICS-M54HC153 Datasheet
338Kb / 9P
RAD-HARD DUAL 4 CHANNEL MULTIPLEXER
Mar-2004
M54HC153 STMICROELECTRONICS-M54HC153 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC153D STMICROELECTRONICS-M54HC153D Datasheet
338Kb / 9P
RAD-HARD DUAL 4 CHANNEL MULTIPLEXER
Mar-2004
M54HC153D STMICROELECTRONICS-M54HC153D Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC153D1 STMICROELECTRONICS-M54HC153D1 Datasheet
338Kb / 9P
RAD-HARD DUAL 4 CHANNEL MULTIPLEXER
Mar-2004
More results

Similar Description - M54HC153

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU4052B NJRC-NJU4052B Datasheet
197Kb / 5P
DUAL 4-CHANNEL MULTIPLEXER?
logo
Toshiba Semiconductor
TC74VHC153F TOSHIBA-TC74VHC153F Datasheet
229Kb / 6P
DUAL 4-CHANNEL MULTIPLEXER
TC74ACT153F TOSHIBA-TC74ACT153F Datasheet
268Kb / 7P
DUAL 4 CHANNEL MULTIPLEXER
logo
National Semiconductor ...
MM74HC253 NSC-MM74HC253 Datasheet
121Kb / 4P
Dual 4-Channel TRI-STATE Multiplexer
logo
Toshiba Semiconductor
TC74AC153P TOSHIBA-TC74AC153P Datasheet
261Kb / 7P
DUAL 4-CHANNEL MULTIPLEXER
TC74HC153AP TOSHIBA-TC74HC153AP_07 Datasheet
370Kb / 10P
Dual 4-Channel Multiplexer with 3-State Output
logo
STMicroelectronics
M54HC253 STMICROELECTRONICS-M54HC253_04 Datasheet
229Kb / 10P
RAD-HARD DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT
Apr-2004
M74HC253 STMICROELECTRONICS-M74HC253 Datasheet
355Kb / 11P
DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT
Jul-2001
logo
Toshiba Semiconductor
TC74ACT153F TOSHIBA-TC74ACT153F_12 Datasheet
269Kb / 8P
Dual 4-Channel Multiplexer
TC74VHC153F TOSHIBA-TC74VHC153F_V01 Datasheet
302Kb / 6P
DUAL 4-CHANNEL MULTIPLEXER
1997-03-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com