Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

39-06-R5C-APRC Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # 39-06-R5C-APRC
Description  Side Emitting POWER LED
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

39-06-R5C-APRC Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  39-06-R5C-APRC Datasheet HTML 1Page - Everlight Electronics Co., Ltd 39-06-R5C-APRC Datasheet HTML 2Page - Everlight Electronics Co., Ltd 39-06-R5C-APRC Datasheet HTML 3Page - Everlight Electronics Co., Ltd 39-06-R5C-APRC Datasheet HTML 4Page - Everlight Electronics Co., Ltd 39-06-R5C-APRC Datasheet HTML 5Page - Everlight Electronics Co., Ltd 39-06-R5C-APRC Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Technical Data Sheet
Side Emitting POWER LED
39-06/R5C-APRC
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev. 1
Page: 1 of 6
Device number: DLE-309-004
Established date: 05-18-2007
Established by: Jim Lin
Features
. High Flux Output.
. Designed for High Current Operation.
. Low Profile.
. Packaged in Tubes for Use with Automatic Insertion Equipment.
.The product itself will remain within RoHS compliant version.
. Viewing angle 180 degree
Descriptions
This revolutionary package design allows the light designer to reduce the number of LEDs
required and provide a more uniform and unique illuminated appearance than with other LED
solutions. This is possible through the efficient optical package design and high-current capabilities.
The low profile package can be easily coupled with reflectors or lenses to efficiently distribute
light and provide the desired light appearance.
Applications
. Automotive Lighting
. Electronic Signs and Signals
. Special Lighting application
Device Selection Guide
Chip
PART NO.
Material
Emitted Color
Lens Color
39-06/R5C-APRC
AlGaInP
Brilliant Red
Water Clear


Similar Part No. - 39-06-R5C-APRC

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
39-06-A5C-AQSC EVERLIGHT-39-06-A5C-AQSC Datasheet
155Kb / 6P
Side Emitting POWER LED
39-06-B4C-AJLB EVERLIGHT-39-06-B4C-AJLB Datasheet
172Kb / 7P
Side Emitting POWER LED
39-06-G4C-APRB EVERLIGHT-39-06-G4C-APRB Datasheet
176Kb / 7P
Side Emitting POWER LED
39-06-Y5C-APRC EVERLIGHT-39-06-Y5C-APRC Datasheet
154Kb / 6P
Side Emitting POWER LED
More results

Similar Description - 39-06-R5C-APRC

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MIE-114A2 UOT-MIE-114A2 Datasheet
31Kb / 2P
GaAs HIGH POWER SIDE LOOK PACKAGE INFRARED EMITTING DIODE
MIE-114H4 UOT-MIE-114H4 Datasheet
29Kb / 2P
AlGaAs HIGH POWER SIDE LOOK PACKAGE INFRARED EMITTING DIODE
MIE-11RA2 UOT-MIE-11RA2 Datasheet
29Kb / 2P
GaAs HIGH POWER SIDE LOOK PACKAGE INFRARED EMITTING DIODE
logo
OPTEK Technologies
OVSR9WBCR8 OPTEK-OVSR9WBCR8 Datasheet
744Kb / 5P
White Side-Emitting SMD LED (120째 Viewing Angle)
logo
Everlight Electronics C...
39-06-Y5C-APRC EVERLIGHT-39-06-Y5C-APRC Datasheet
154Kb / 6P
Side Emitting POWER LED
39-06-G4C-APRB EVERLIGHT-39-06-G4C-APRB Datasheet
176Kb / 7P
Side Emitting POWER LED
39-06-B4C-AJLB EVERLIGHT-39-06-B4C-AJLB Datasheet
172Kb / 7P
Side Emitting POWER LED
39-06-A5C-AQSC EVERLIGHT-39-06-A5C-AQSC Datasheet
155Kb / 6P
Side Emitting POWER LED
logo
Honeywell Accelerometer...
SEP8506-003 HONEYWELL-ACC-SEP8506-003 Datasheet
31Kb / 2P
Side-emitting plastic package
SEP8506-001 HONEYWELL-ACC-SEP8506-001 Datasheet
59Kb / 4P
SEP Series GaAs Infrared Emitting Diode, Side-emitting
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com