Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IST4107 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # IST4107
Description  Thyristors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IST4107 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  IST4107 Datasheet HTML 1Page - Inchange Semiconductor Company Limited IST4107 Datasheet HTML 2Page - Inchange Semiconductor Company Limited IST4107 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IST4107
eq ACTT2S-800E
Thyristors
www.iscsemi.com
1
FEATURES
· Pin compatible with standard triacs
· Sensitive gate for easy logic level triggering
· Full cycle AC conduction
APPLICATIONS
· Highly inductive, resistive and safety loads
· Reversing induction motor controls
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDRM
Repetitive Peak Off-state Voltage
800
V
VRRM
Repetitive Peak Reverse Voltage
800
V
IT(RMS)
RMS on-state current,full sine wave,Tc≤115℃
2
A
ITSM
Peak non-repetitive
On-state current
full sine wave; tp= 16.7ms
15.4
A
full sine wave;tp= 20ms
14
A
I2t
I2t Value for fusing,tp= 10ms,sine wave pulse
0.98
A2s
PG(AV)
Average gate power dissipation,over any 20 ms period
0.5
W
IGM
Peak gate current,t =20us
2
A
PGM
peak gate power
5
W
diT/dt
rate of rise of on-statecurrent,IG= 20mA
100
A/us
TJ
Operating Junction Temperature
125
℃
TSTG
storage temperature
-40~150
℃


Similar Part No. - IST4107

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IST4100 ISC-IST4100 Datasheet
371Kb / 3P
Thyristors
IST4103 ISC-IST4103 Datasheet
371Kb / 3P
Thyristors
IST4104 ISC-IST4104 Datasheet
370Kb / 3P
Thyristors
More results

Similar Description - IST4107

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT151X PHILIPS-BT151X Datasheet
46Kb / 11P
Thyristors
Rev. 04-9 June 2004
BT152B PHILIPS-BT152B Datasheet
48Kb / 6P
Thyristors
September 1997 Rev 1.100
logo
List of Unclassifed Man...
HBT169M ETC-HBT169M Datasheet
49Kb / 4P
THYRISTORS
logo
NXP Semiconductors
BT151UC PHILIPS-BT151UC Datasheet
43Kb / 6P
Thyristors
April 2004-Rev 1.000
logo
STMicroelectronics
TYN054 STMICROELECTRONICS-TYN054 Datasheet
105Kb / 4P
THYRISTORS
Feb-1989
logo
Inchange Semiconductor ...
MCR100-6 ISC-MCR100-6 Datasheet
42Kb / 1P
Thyristors
BT151-600 ISC-BT151-600 Datasheet
54Kb / 1P
Thyristors
logo
Comset Semiconductor
BT151 COMSET-BT151 Datasheet
172Kb / 3P
THYRISTORS
BT152 COMSET-BT152 Datasheet
172Kb / 3P
THYRISTORS
logo
Sanken electric
TF561S-A SANKEN-TF561S-A Datasheet
75Kb / 3P
Thyristors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com