Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISG2118 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ISG2118
Description  Trench Field-Stop IGBT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISG2118 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISG2118 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISG2118 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISG2118 Datasheet HTML 3Page - Inchange Semiconductor Company Limited ISG2118 Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ISG2118
eq IHW40N65R5
Trench Field-Stop IGBT
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS(TC= 25 °C unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYPE
MAX
UNIT
BVCES
Collector-Emitter Breakdown
Voltage
VGE=0, IC= 0.25mA
650
--
--
V
VGE(th)
Gate-Emitter Threshold Voltage
VGE= VCE, IC= 0.25mA
3.8
--
5.8
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 48A, VCE= 15V
--
--
1.8
V
ICES
Zero Gate Voltage Collector Current VCE= 650V, VGE=0
--
--
25
uA
IGES
Gate-Emitter Leakage Current
VGE=±20V, VCE=0
--
--
±
100
nA
Cies
Input Capacitance
VCE= 25V,
VGE= 0V,
f=1MHZ
--
8755
--
pF
Coes
Output Capacitance
--
245
--
pF
Cres
Reverse Transfer Capacitance
--
125
--
pF
DIODE CHARACTERISTICS ( TC=25℃ unless otherwise noted)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYPE
MAX
UNIT
VF
Diode Forward Voltage
IF=40A
--
1.58
2.2
V
trr
Diode Reverse Recovery Time
VR=400V,IF=40A,
dIF/dt=350A/us
--
116.8
--
ns
Irr
Diode peak Reverse Recovery
Current
--
6.36
--
A
Qrr
Diode Reverse Recovery Charge
--
313.8
--
nC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com