Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC148 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74HC148
Description  8 TO 3 LINE PRIORITY ENCODER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74HC148 Datasheet(HTML) 1 Page - STMicroelectronics

  74HC148 Datasheet HTML 1Page - STMicroelectronics 74HC148 Datasheet HTML 2Page - STMicroelectronics 74HC148 Datasheet HTML 3Page - STMicroelectronics 74HC148 Datasheet HTML 4Page - STMicroelectronics 74HC148 Datasheet HTML 5Page - STMicroelectronics 74HC148 Datasheet HTML 6Page - STMicroelectronics 74HC148 Datasheet HTML 7Page - STMicroelectronics 74HC148 Datasheet HTML 8Page - STMicroelectronics 74HC148 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
M54HC148
M74HC148
October 1992
8 TO 3 LINE PRIORITY ENCODER
B1R
(Plastic Package)
ORDER CODES :
M54HC148F1R
M74HC148M1R
M74HC148B1R
M74HC148C1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
INPUT AND OUTPUT EQUIVALENT CIRCUIT
DESCRIPTION
.
HIGH SPEED
tPD = 15 ns (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) AT TA =25 °C
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
I
OH =IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V TO 6 V
.
PIN AND FUNCTION COMPATIBLE
WITH 54/74LS148
The M54/74HC148 is a high speed CMOS 8-TO-3
LINE PRIORITY ENCODER fabricated in silicon
gate C
2MOS technology.
It has the same high speed performance for LSTTL
combined with true CMOS low power consumption.
The M54/74HC148 encodes eight data lines to
three-line (4-2-1) binary (octal). Cascading circuitry
(enable input EI and enable output EO) has been
provided to allow octal expansion without the need
for external circuitry. Data inputs are active at the
low logic level.
All inputs are equipped with protection circuits
against static discharge and transient excess volt-
age.
1/11


Similar Part No. - 74HC148

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74HC148 FAIRCHILD-74HC148 Datasheet
77Kb / 8P
8-3 Line Priority Encoder
logo
Hitachi Semiconductor
74HC148 HITACHI-74HC148 Datasheet
45Kb / 8P
8-to-3-line Octal Priority Encoder
More results

Similar Description - 74HC148

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F148 FAIRCHILD-74F148 Datasheet
61Kb / 6P
8-Line to 3-Line Priority Encoder
MM74HC148 FAIRCHILD-MM74HC148 Datasheet
77Kb / 8P
8-3 Line Priority Encoder
logo
Hitachi Semiconductor
HD74HC148 HITACHI-HD74HC148 Datasheet
45Kb / 8P
8-to-3-line Octal Priority Encoder
logo
STMicroelectronics
M74HC148 STMICROELECTRONICS-M74HC148 Datasheet
329Kb / 11P
8 TO 3 LINE PRIORITY ENCODER
Jul-2001
logo
List of Unclassifed Man...
GD74HCT148 ETC1-GD74HCT148 Datasheet
207Kb / 4P
8-TO-3 LINE PRIORITY ENCODER
logo
National Semiconductor ...
MM74HCT148 NSC-MM74HCT148 Datasheet
215Kb / 5P
8-3 Line Priority Encoder
MM54HC148 NSC-MM54HC148 Datasheet
127Kb / 6P
8-3 Line Priority Encoder
logo
Toshiba Semiconductor
TC74HC148AP TOSHIBA-TC74HC148AP_07 Datasheet
353Kb / 9P
8-to-3 Line Priority Encoder
logo
Renesas Technology Corp
HD74LS148 RENESAS-HD74LS148 Datasheet
72Kb / 6P
8-line-to-3-line Octal Priority Encoder
HD74HC148 RENESAS-HD74HC148 Datasheet
79Kb / 6P
8-to-3-line Octal Priority Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com