Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA4 Datasheet(PDF) 3 Page - ABB

Part # BA4
Description  Connexion Accessories for Starting Solutions Accessories for AF09 ... AF38 3-pole Contactors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

BA4 Datasheet(HTML) 3 Page - ABB

  BA4 Datasheet HTML 1Page - ABB BA4 Datasheet HTML 2Page - ABB BA4 Datasheet HTML 3Page - ABB BA4 Datasheet HTML 4Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Interlocks
Accessories for AF09 ... AF38 3-pole Contactors
Interlock types
VM4
Mechanical durability
Number of operating cycles
5 millions operating cycles
Max. switching frequency
1800 cycles/h
Interlock types
VEM4
Contact Utilization Characteristics according to IEC
Standards
IEC 60947-5-1 and EN 60947-5-1
Rated insulation voltage Ui acc. to IEC 60947-5-1
690 V
Rated impulse withstand voltage Uimp
6 kV
Rated control circuit voltage Uc
AC 50/60 Hz control voltage
24 ... 500 V AC
DC control voltage
20 ... 500 V DC
Conventional thermal current Ith -
θ ≤ 40 °C
16 A
Mechanical and electrical durability
Number of operating cycles
5 millions operating cycles
Max. mechanical switching frequency
1800 cycles/h
Max. electrical switching frequency
1200 cycles/h
Contact Utilization Characteristics according to UL / CSA
Standards
UL 508, CSA C22.2 N°14
Max. rated voltage
500 V AC, 500 V DC
Connecting Characteristics
Screw terminals
All terminals
M3.5
Connecting capacity (min. ... max.)
Rigid Solid
1 x
1 ... 2.5 mm²
2 x
1 ... 2.5 mm²
Flexible with non insulated ferrule
1 x
0.75 ... 2.5 mm²
2 x
0.75 ... 2.5 mm²
Flexible with insulated ferrule
1 x
0.75 ... 2.5 mm²
2 x
0.75 ... 1.5 mm²
L
6
Bars or lugs
L <
8 mm
Capacity according to UL/CSA
1 or 2 x
AWG 18 ... 14
Stripping length
10 mm
Degree of protection
acc. to IEC 60947-1 / EN 60947-1 and IEC 60529 / EN 60529
IP20
Screwdriver type
Flat Ø5.5 / Pozidriv 2
Tightening torque
1.2 Nm / 11 lb.in
Technical Data
Catalogue Page 1SBC 101 146 S0201
16 | ABB



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com