Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC-13 Datasheet(PDF) 49 Page - ABB

Part # FC-13
Description  Electrical & mechanical fixing systems E-Klips spring steel fasteners
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

FC-13 Datasheet(HTML) 49 Page - ABB

Back Button FC-13 Datasheet HTML 45Page - ABB FC-13 Datasheet HTML 46Page - ABB FC-13 Datasheet HTML 47Page - ABB FC-13 Datasheet HTML 48Page - ABB FC-13 Datasheet HTML 49Page - ABB FC-13 Datasheet HTML 50Page - ABB FC-13 Datasheet HTML 51Page - ABB FC-13 Datasheet HTML 52Page - ABB FC-13 Datasheet HTML 53Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 80 page
background image
7
Electrical & mechanical fixing systems E-Klips spring steel fasteners | 9AAK10103A3655 0915 7/5
Decking
Type DH-GM, DH & DHN
A
ØA
C
B
DH-50
DHN
50 mm
20 mm
Ø10 mm
DHN
ØA
Decking clips for conduit
Part no.
ABB order code
Ø (mm) A (mm) B (mm) C (mm) PG type
Load
rating (kg)
Material
finishes
Quantity
(pieces)
DH1217-GM1219 7TCA084030R0937 12-19
104
20
11.5
7/9/11
45
F3
25
DH1217-GM1926 7TCA084030R0938 19-26
104
20
11.5
13.5/16
45
F3
25
DH1217-GM2632 7TCA084030R0939 26-32
115
20
11.5
21
45
F3
25
DH1217-GM3240 7TCA084030R0940 32-40
128
20
11.5
29
45
F3
25
DH1217-GM4047 7TCA084030R0941 40-47
139
20
11.5
36
45
F3
25
DH1217-GM4757 7TCA084030R0942 47-57
147
20
11.5
36/42
45
F3
25
DH1722-GM1219 7TCA084030R0948 12-19
104
25
16.5
7/9/11
45
F3
25
DH1722-GM1926 7TCA084030R0949 19-26
104
25
16.5
13.5/16
45
F3
25
DH1722-GM2632 7TCA084030R0950 26-32
115
25
16.5
21
45
F3
25
DH1722-GM3240 7TCA084030R0951 32-40
128
25
16.5
29
45
F3
25
DH1722-GM4047 7TCA084030R0952 40-47
139
25
16.5
36
45
F3
25
DH1722-GM4757 7TCA084030R0953 47-57
147
25
16.5
36/42
45
F3
25
Decking clips for threaded rod
Part no.
ABB order code
ØA (mm) A (mm)
B (mm)
C (mm)
Load
rating (kg)
Material
finishes
Quantity
(pieces)
DH-50
7TCA084030R0931 10.5
100
30
8
75
F8+
50
DHN-6T*
7TCA084030R0958 M6
–
–
–
75
F7
50
DHN-8T*
7TCA084030R0959 M8
–
–
–
75
F7
50
DHN-10T* 7TCA084030R0957 M10
–
–
–
75
F7
50
* Nut only
C
A
B
ØA
ØA
C
A
B
ØA
ØA
C
A
B
ØA
ØA
DH-50
DHN
50mm
20mm
Ø10mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com