Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6.5MM Datasheet(PDF) 30 Page - ABB

Part # 6.5MM
Description  Electrical & mechanical fixing systems E-Klips spring steel fasteners
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

6.5MM Datasheet(HTML) 30 Page - ABB

Back Button 6.5MM Datasheet HTML 26Page - ABB 6.5MM Datasheet HTML 27Page - ABB 6.5MM Datasheet HTML 28Page - ABB 6.5MM Datasheet HTML 29Page - ABB 6.5MM Datasheet HTML 30Page - ABB 6.5MM Datasheet HTML 31Page - ABB 6.5MM Datasheet HTML 32Page - ABB 6.5MM Datasheet HTML 33Page - ABB 6.5MM Datasheet HTML 34Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 80 page
background image
4
4/10
Electrical & mechanical fixing systems E-Klips spring steel fasteners | 9AAK10103A3655 0915
Conduit
Type FH-GM & FH-JM
Girder clamps for conduit
Part no.
ABB order code
T (mm)
Ø (mm)
PG type
Load
rating (kg)
Material
finishes
Quantity
(pieces)
FH107-GM1219
7TCA084030R1234 Max 18
12-19
7/9/11
12
F8+
25
FH107-GM1926
7TCA084030R1236 Max 18
19-26
13.5/16
12
F8+
25
FH107-GM2632
7TCA084030R1238 Max 18
26-32
21
12
F8+
25
FH107-GM3240
7TCA084030R1240 Max 18
32-40
29
12
F8+
25
FH107-GM4047
7TCA084030R1242
Max 18
40-47
36
12
F8+
25
FH107-GM4757
7TCA084030R1925 Max 18
47-57
36/42
12
F8+
25
Girder clamps for conduit
Part no.
ABB order code
T (mm)
Ø (mm)
PG type
Load
rating (kg)
Material
finishes
Quantity
(pieces)
FH65-JM1825
7TCA084030R1262 Max 18
18-22
11/13.5/16
11
F8+
25
FH65-JM2229
7TCA084030R1264 Max 18
22-29
13.5/21
11
F8+
25
FH65-JM2933
7TCA084030R1266 Max 18
29-33
–
11
F8+
25
Girder clamps for conduit
Part no.
ABB order code
T (mm)
Ø (mm)
PG type
Load
rating (kg)
Material
finishes
Quantity
(pieces)
FH107-JM1825 7TCA084030R1245 Max 18
18-22
11/13.5/16
7
F8+
25
FH107-JM2229 7TCA084030R1247
Max 18
22-29
13.5/21
7
F8+
25
FH107-JM2933 7TCA084030R1249
Max 18
29-33
–
7
F8+
25
3 Nm
180
°
T
FH65-JM1825
Ø
3 Nm
180
°
T
FH107-JM1825
Ø



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com