Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH850/F1KM Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # RH850/F1KM
Description  Renesas microcontroller
PDF  422 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RH850/F1KM Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button RH850/F1KM Datasheet HTML 34Page - Renesas Technology Corp RH850/F1KM Datasheet HTML 35Page - Renesas Technology Corp RH850/F1KM Datasheet HTML 36Page - Renesas Technology Corp RH850/F1KM Datasheet HTML 37Page - Renesas Technology Corp RH850/F1KM Datasheet HTML 38Page - Renesas Technology Corp RH850/F1KM Datasheet HTML 39Page - Renesas Technology Corp RH850/F1KM Datasheet HTML 40Page - Renesas Technology Corp RH850/F1KM Datasheet HTML 41Page - Renesas Technology Corp RH850/F1KM Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 422 page
background image
RH850/F1KH, RH850/F1KM
Section 2A Pin Function of RH850/F1KH-D8
R01DS0442EJ0100 Rev.1.00
Page 38 of 422
Sep 15, 2023
Table 2A.1
Pin Assignment 176-Pin LQFP
Pin No.
Pin Name
1
P10_3 / TAUD0I7 / TAUD0O7 / RIIC0SCL / KR0I1 / PWGA3O / ADCA0TRG1 / TAPA0VN / CSIH1SSI / MEMC0CLK /
RLIN37RX / INTP17
2
P10_4 / TAUD0I9 / TAUD0O9 / RLIN21RX / CAN6TX / KR0I2 / ADCA0SEL0 / ADCA0TRG2 / TAPA0WP / CSIG0SSI /
PWGA53O / ETNB0RXD2 / MEMC0A22
3
P10_5 / TAUD0I11 / TAUD0O11 / CAN6RX / INTP6 / RLIN21TX / KR0I3 / ADCA0SEL1 / TAPA0WN / CSIG0RYI /
CSIG0RYO / ETNB0RXD3 / PWGA54O
4
BVCC
5
BVSS
6
P10_15 / CSIH3RYI / CSIH3RYO / PWGA24O / RLIN22RX / TAUB0I9 / TAUB0O9 / MEMC0RD
7
P11_0 / CSIH2RYI / CSIH2RYO / ADCA1TRG2 / PWGA25O / RLIN22TX / TAUB0I11 / TAUB0O11 / MEMC0WR
8
P11_8 / CSIG1SSI / RLIN35TX / PWGA48O / TAUB1I11 / TAUB1O11 / MEMC0CS0
9
P11_9 / CSIG1SO / RLIN35RX / INTP15 / PWGA49O / TAUB1I13 / TAUB1O13 / MEMC0CS1
10
P11_10 / CSIG1SC / PWGA50O / TAUB1I15 / TAUB1O15 / MEMC0CS2
11
P11_11 / CSIG1SI / RLIN25TX / PWGA51O / TAUB1I0 / TAUB1O0 / MEMC0CS3 / ETNB0RXDV
12
P11_12 / RLIN25RX / PWGA52O / TAUB1I2 / TAUB1O2 / MEMC0WAIT
13
ISOVCL
14
ISOVSS
15
P12_3 / RLIN27RX / PWGA68O / CSIG2SI / MEMC0BEN0 / TAUB1I6 / TAUB1O6
16
P12_4 / RLIN27TX / PWGA69O / CSIG2SC / ETNB0MDIO / MEMC0BEN1
17
P12_5 / PWGA70O / ETNB0MDC / CSIG2SO / TAUB1I4 / TAUB1O4
18
P0_0 / TAUD0I2 / TAUD0O2 / RLIN20RX / CAN0TX / PWGA10O / CSIH0SSI / DPO / TAUJ2I1 / TAUJ2O1
19
P0_1 / TAUD0I4 / TAUD0O4 / CAN0RX / INTP0 / RLIN20TX / PWGA11O / CSIH0SI / APO / TAUJ2I2 / TAUJ2O2
20
P0_2 / TAUD0I6 / TAUD0O6 / CAN1RX / INTP1 / RLIN30TX / PWGA12O / CSIH0SC / DPO / TAUJ2I3 / TAUJ2O3
21
P0_3 / TAUD0I8 / TAUD0O8 / RLIN30RX / INTP10 / CAN1TX / DPIN1 / PWGA13O / CSIH0SO / TAUJ1I0 / TAUJ1O0
22
EVCC
23
P0_4 / RLIN31RX / INTP11 / CAN2TX / PWGA10O / CSIH1SI / SELDP0 / DPIN8 / TAUB0I12 / TAUB0O12
24
P0_5 / CAN2RX / INTP2 / RLIN31TX / DPIN9 / SELDP1 / CSIH1SO / TAUB0I14 / TAUB0O14
25
P0_6 / INTP2 / DPIN10 / SELDP2 / CSIH1SC / PWGA35O
26
P0_11 / RIIC0SDA / DPIN12 / CSIH1CSS2 / TAUB0I8 / TAUB0O8 / RLIN26RX / PWGA34O
27
P0_12 / RIIC0SCL / DPIN13 / PWGA45O / TAUB0I10 / TAUB0O10 / CSIG0SI / RLIN26TX
28
P0_13 / RLIN32RX / INTP12 / PWGA46O / TAUB0I12 / TAUB0O12 / CSIG0SO / CAN5RX / INTP5
29
P0_14 / INTP17 / RLIN32TX / PWGA47O / TAUB0I14 / TAUB0O14 / CSIG0SC / CAN5TX
30
P1_0 / RLIN33RX / INTP13 / TAUJ2I0 / TAUJ2O0 / CSIG4SSI
31
P1_1 / INTP18 / RLIN33TX / CSIG4SC / TAUJ2I1 / TAUJ2O1
32
P1_2 / CAN3RX / INTP3 / DPIN19 / TAUJ2I2 / TAUJ2O2 / CSIG4SI
33
P1_3 / INTP19 / CAN3TX / DPIN23 / CSIG4SO / TAUJ2I3 / TAUJ2O3
34
P1_12 / CAN4RX / INTP4 / RLIN36TX
35
P1_13 / CAN4TX / RLIN36RX / INTP16
36
P2_6 / ADCA0SEL2 / CSIG4RYI / CSIG4RYO
37
EVSS
38
P8_2 / TAUJ0I0 / TAUJ0O0 / DPIN2 / CSIH0CSS0 / INTP6 / PWGA22O / RLIN37TX / ADCA0I4S
39
P8_10 / CSIH3CSS3 / DPIN14 / PWGA42O / RLIN37RX / INTP17 / ADCA0I17S
40
P8_11 / TAUJ1I2 / TAUJ1O2 / DPIN15 / PWGA43O / CSIH1CSS4 / RLIN25RX / ADCA0I18S
41
P8_12 / TAUJ1I3 / TAUJ1O3 / DPIN16 / PWGA44O / CSIH1CSS5 / INTP23 / RLIN25TX / ADCA0I19S
42
JP0_5 / NMI / RTCA0OUT / TAUJ0I3 / TAUJ0O3 / DCURDY / LPDCLKOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com