Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL3Z0416UCS/SC-MPWIR Datasheet(PDF) 1 Page - CBC Group. CBC AMERICA LLC.

Part # EL3Z0416UCS/SC-MPWIR
Description  Motorized FA lens
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMPUTAR [CBC Group. CBC AMERICA LLC.]
Direct Link  https://www.computar.com/
Logo COMPUTAR - CBC Group. CBC AMERICA LLC.

EL3Z0416UCS/SC-MPWIR Datasheet(HTML) 1 Page - CBC Group. CBC AMERICA LLC.

  EL3Z0416UCS/SC-MPWIR Datasheet HTML 1Page - CBC Group. CBC AMERICA LLC. EL3Z0416UCS/SC-MPWIR Datasheet HTML 2Page - CBC Group. CBC AMERICA LLC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DL-MPY
series
VL-MPZ
series
Varifocal
series
Telecentric
Lens


Similar Part No. - EL3Z0416UCS/SC-MPWIR

ManufacturerPart #DatasheetDescription
logo
CBC Group. CBC AMERICA ...
EL3Z0416UCS-MPWIR COMPUTAR-EL3Z0416UCS-MPWIR Datasheet
615Kb / 1P
3X 4.0mm -10mm F1.6 Day & Night for 1/1.8 type 5M Cameras, Motorized Control Vari-focal USB interface, CS-Mount
2021.12
More results

Similar Description - EL3Z0416UCS/SC-MPWIR

ManufacturerPart #DatasheetDescription
logo
ebm-papst
R2S133-AB25-22 EBMPAPST-R2S133-AB25-22 Datasheet
339Kb / 1P
MOTORIZED IMPELLER
R2S175-AB60-38 EBMPAPST-R2S175-AB60-38 Datasheet
250Kb / 1P
MOTORIZED IMPELLER
R2E225-BE51-09 EBMPAPST-R2E225-BE51-09 Datasheet
241Kb / 1P
MOTORIZED IMPELLER
R4E225-AC15-18 EBMPAPST-R4E225-AC15-18 Datasheet
298Kb / 1P
MOTORIZED IMPELLER
R4S190-AA16-18 EBMPAPST-R4S190-AA16-18 Datasheet
243Kb / 1P
MOTORIZED IMPELLER
RER160-2806S EBMPAPST-RER160-2806S Datasheet
361Kb / 1P
MOTORIZED IMPELLER
RH31M-6204981 EBMPAPST-RH31M-6204981 Datasheet
337Kb / 1P
MOTORIZED IMPELLER
RH35M-6204698 EBMPAPST-RH35M-6204698 Datasheet
306Kb / 1P
MOTORIZED IMPELLER
logo
ORION FANS
OAB190-11-1 ORIONFANS-OAB190-11-1_15 Datasheet
93Kb / 1P
Motorized Impeller
logo
ebm-papst
R2E133 EBMPAPST-R2E133 Datasheet
339Kb / 1P
Motorized Impeller
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com