Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX Datasheet(PDF) 1 Page - CBC Group. CBC AMERICA LLC.

Part # MPX
Description  THE NEW STANDARD IN HIGH-RESOLUTION MACHINE VISION LENSES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMPUTAR [CBC Group. CBC AMERICA LLC.]
Direct Link  https://www.computar.com/
Logo COMPUTAR - CBC Group. CBC AMERICA LLC.

MPX Datasheet(HTML) 1 Page - CBC Group. CBC AMERICA LLC.

  MPX Datasheet HTML 1Page - CBC Group. CBC AMERICA LLC. MPX Datasheet HTML 2Page - CBC Group. CBC AMERICA LLC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10G anti-vibration &10G shock-resistant
design for harsh inspection environments
Fully compatible with 2μm or less pixel
size
The floating mechanism enables high
performance from close-up to long-
distance
Precise focus adjustment with a focus
rotation angle is 3x wider than standard
lenses
Adoption of click-type iris mechanism
Ruggedized mechanical design
minimizes image aberrations from shock
and vibration
THE NEW STANDARD
IN HIGH-RESOLUTION
MACHINE VISION LENSES
2/3“ 16MP
MPX SERIES
M A C H I N E V I S I O N L E N S E S
computar.com/mpx
Compatible with IMX536(546/566), IMX537(547/567), IMX676/IMX226,
GMAX2509/GMAX2505, and AR2020


Similar Part No. - MPX

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPX RUBYCON-MPX Datasheet
157Kb / 2P
POWER FILM CAPACITORS
logo
Coherent Corp
MPX COHERENT-MPX Datasheet
1Mb / 3P
Chameleon MPX
logo
MicroPower Direct, LLC
MPX-200 MPD-MPX-200 Datasheet
1Mb / 4P
Low Cost, 1-4 Output 200W EN60601 (Medical) Approved AC/DC Power Supplies
logo
Sanken electric
MPX-2103 SANKEN-MPX-2103 Datasheet
67Kb / 2P
Ultra-Fast-Recovery Rectifier Diodes
logo
CTS Corporation
MPX0103A CTS-MPX0103A Datasheet
243Kb / 2P
Surface mount, silver (Ag) coated ceramic duplexer
More results

Similar Description - MPX

ManufacturerPart #DatasheetDescription
logo
Quantum Research Group
E6240 QUANTUM-E6240 Datasheet
832Kb / 16P
The New Vision of Touch
logo
Balluff Korea Ltd.
BAE0103 BALLUFF-BAE0103 Datasheet
109Kb / 2P
Machine Vision
BVS0014 BALLUFF-BVS0014 Datasheet
144Kb / 3P
Machine Vision
0.47_2021-04-13
BVS0016 BALLUFF-BVS0016 Datasheet
144Kb / 3P
Machine Vision
0.46_2021-04-13
BVS000E BALLUFF-BVS000E Datasheet
144Kb / 3P
Machine Vision
0.42_2021-04-13
BVS000K BALLUFF-BVS000K Datasheet
144Kb / 3P
Machine Vision
0.44_2021-04-13
BVS001L BALLUFF-BVS001L Datasheet
179Kb / 3P
Machine Vision
0.51_2021-04-13
BVS001M BALLUFF-BVS001M Datasheet
179Kb / 3P
Machine Vision
0.46_2021-04-13
BVS002F BALLUFF-BVS002F Datasheet
162Kb / 2P
Machine Vision
0.105_2021-04-27
BVS003K BALLUFF-BVS003K Datasheet
144Kb / 2P
Machine Vision
1.34_2021-04-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com