Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC174 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC174
Description  HEX D-TYPE FLIP FLOP WITH CLEAR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC174 Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC174 Datasheet HTML 1Page - STMicroelectronics M54HC174 Datasheet HTML 2Page - STMicroelectronics M54HC174 Datasheet HTML 3Page - STMicroelectronics M54HC174 Datasheet HTML 4Page - STMicroelectronics M54HC174 Datasheet HTML 5Page - STMicroelectronics M54HC174 Datasheet HTML 6Page - STMicroelectronics M54HC174 Datasheet HTML 7Page - STMicroelectronics M54HC174 Datasheet HTML 8Page - STMicroelectronics M54HC174 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
M54HC174
M74HC174
October 1992
HEX D-TYPE FLIP FLOP WITH CLEAR
B1R
(Plastic Package)
ORDER CODES :
M54HC174F1R
M74HC174M1R
M74HC174B1R
M74HC174C1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
INPUT AND OUTPUT EQUIVALENT CIRCUIT
DESCRIPTION
.
HIGH SPEED
fMAX = 71 MHz (TYP.) AT VCC =5 V
.
LOW POWER DISSIPATION
ICC =4
µA (MAX.) AT TA =25 °C
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
IOH =IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V TO 6 V
.
PIN AND FUNCTION COMPATIBLE WITH
54/74LS174
The M54/74HC174 is a high speed CMOS HEX D-
TYPE FLIP-FLOP WITH CLEAR fabricated in sili-
con gate C
2MOS technology. It has the same high
speed performance of LSTTL combined with true
CMOS low power consumption.
Information signals applied to D inputs are trans-
fered to the Q output on the positive going edge of
the clock pulse. When the CLEAR input is held low,
the Q outputs are held low independently of the
other inputs. All inputs are equipped with protection
circuits against static discharge and transient ex-
cess voltage.
1/11


Similar Part No. - M54HC174

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC174 STMICROELECTRONICS-M54HC174 Datasheet
161Kb / 10P
RAD-HARD HEX D-TYPE FLIP FLOP WITH CLEAR
Mar-2004
M54HC174 STMICROELECTRONICS-M54HC174 Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC174D STMICROELECTRONICS-M54HC174D Datasheet
161Kb / 10P
RAD-HARD HEX D-TYPE FLIP FLOP WITH CLEAR
Mar-2004
M54HC174D STMICROELECTRONICS-M54HC174D Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC174D1 STMICROELECTRONICS-M54HC174D1 Datasheet
161Kb / 10P
RAD-HARD HEX D-TYPE FLIP FLOP WITH CLEAR
Mar-2004
More results

Similar Description - M54HC174

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F174A TI-SN74F174A Datasheet
69Kb / 5P
HEX D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC174F TOSHIBA-TC74VHC174F Datasheet
250Kb / 7P
HEX D-TYPE FLIP-FLOP WITH CLEAR
TC74HC174AP TOSHIBA-TC74HC174AP Datasheet
274Kb / 7P
HEX D TYPE FLIP FLOP WITH CLEAR
TC74LVX174F TOSHIBA-TC74LVX174F_07 Datasheet
244Kb / 9P
Hex D-Type Flip-Flop with Clear
TC74VHC174F TOSHIBA-TC74VHC174F_07 Datasheet
233Kb / 10P
Hex D-Type Flip Flop with Clear
logo
STMicroelectronics
74AC174 STMICROELECTRONICS-74AC174_01 Datasheet
257Kb / 11P
HEX D-TYPE FLIP FLOP WITH CLEAR
Apr-2001
logo
Toshiba Semiconductor
TC74AC174F TOSHIBA-TC74AC174F_12 Datasheet
226Kb / 9P
Hex D-Type Flip Flop with Clear
TC74ACT174F TOSHIBA-TC74ACT174F_12 Datasheet
261Kb / 8P
Hex D-Type Flip Flop with Clear
logo
Texas Instruments
74AC11174 TI1-74AC11174_10 Datasheet
104Kb / 8P
HEX D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC174F TOSHIBA-TC74VHC174F_V01 Datasheet
280Kb / 9P
Hex D-Type Flip Flop with Clear
2019-01-31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com