Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M74HC173 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M74HC173
Description  QUAD D-TYPE REGISTER 3-STATE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC173 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M74HC173 Datasheet HTML 2Page - STMicroelectronics M74HC173 Datasheet HTML 3Page - STMicroelectronics M74HC173 Datasheet HTML 4Page - STMicroelectronics M74HC173 Datasheet HTML 5Page - STMicroelectronics M74HC173 Datasheet HTML 6Page - STMicroelectronics M74HC173 Datasheet HTML 7Page - STMicroelectronics M74HC173 Datasheet HTML 8Page - STMicroelectronics M74HC173 Datasheet HTML 9Page - STMicroelectronics M74HC173 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AC ELECTRICAL CHARACTERISTICS (CL =50 pF, Input tr =tf =6 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
CL
(pF)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tREM
Minimum
Removal Time
2.0
50
555
ns
4.5
5
5
5
6.0
5
5
5
CIN
Input Capacitance
5
10
10
10
pF
CPD (*)
Power Dissipation
Capacitance
50
pF
(*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load.
(Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD
•VCC •fIN +ICC/4 (per circuit)
SWITCHING CHARACTERISTICS TEST WAVEFORM
EACH FLIP-FLOP SHALL BE SET HIGH WHEN
SWITCH IS CONNECTED TO GND LINE AND
IT SHALL BE SET LOW WHEN SWITCH IS
M54/M74HC173
6/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com