Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95M01-R Datasheet(PDF) 1 Page - STMicroelectronics

Part # M95M01-R
Description  1 Mbit serial SPI bus EEPROM with high speed clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95M01-R Datasheet(HTML) 1 Page - STMicroelectronics

  M95M01-R Datasheet HTML 1Page - STMicroelectronics M95M01-R Datasheet HTML 2Page - STMicroelectronics M95M01-R Datasheet HTML 3Page - STMicroelectronics M95M01-R Datasheet HTML 4Page - STMicroelectronics M95M01-R Datasheet HTML 5Page - STMicroelectronics M95M01-R Datasheet HTML 6Page - STMicroelectronics M95M01-R Datasheet HTML 7Page - STMicroelectronics M95M01-R Datasheet HTML 8Page - STMicroelectronics M95M01-R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
January 2008
Rev 5
1/40
1
M95M01-R
1 Mbit serial SPI bus EEPROM
with high speed clock
Features
■ Compatible with SPI bus serial interface
(Positive Clock SPI modes)
■ Schmitt trigger inputs for enhanced noise
margin
■ Single supply voltage: 1.8 V to 5.5 V
■ High speed
– 5 MHz clock rate
– 5 ms Write time
■ Status Register
■ Hardware Protection of the Status Register
■ Byte and Page Write (up to 256 bytes)
■ Self-timed programming cycle
■ Adjustable size read-only EEPROM area
■ Enhanced ESD Protection
■ More than 1 000 000 Write cycles
■ More than 40-year data retention
■ Packages
– ECOPACK® (RoHS compliant)
SO8N (MN)
150 mils width
SO8W (MW)
208 mils width
www.st.com


Similar Part No. - M95M01-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95M01-R STMICROELECTRONICS-M95M01-R Datasheet
340Kb / 39P
1 Mbit serial SPI bus EEPROM with high speed clock
17-Jul-2007
M95M01-R STMICROELECTRONICS-M95M01-R Datasheet
878Kb / 51P
1-Mbit serial SPI bus EEPROM
21-Feb-2017
M95M01-RMN6G STMICROELECTRONICS-M95M01-RMN6G Datasheet
340Kb / 39P
1 Mbit serial SPI bus EEPROM with high speed clock
17-Jul-2007
M95M01-RMN6P STMICROELECTRONICS-M95M01-RMN6P Datasheet
340Kb / 39P
1 Mbit serial SPI bus EEPROM with high speed clock
17-Jul-2007
M95M01-RMN6TG STMICROELECTRONICS-M95M01-RMN6TG Datasheet
340Kb / 39P
1 Mbit serial SPI bus EEPROM with high speed clock
17-Jul-2007
More results

Similar Description - M95M01-R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95512-W STMICROELECTRONICS-M95512-W Datasheet
531Kb / 31P
512Kbit Serial SPI Bus EEPROM With High Speed Clock
30-Jun-2005
logo
Microchip Technology
25AA1024 MICROCHIP-25AA1024 Datasheet
591Kb / 30P
1 Mbit SPI Bus Serial EEPROM
2007
logo
STMicroelectronics
M95M01-R STMICROELECTRONICS-M95M01-R Datasheet
340Kb / 39P
1 Mbit serial SPI bus EEPROM with high speed clock
17-Jul-2007
logo
Microchip Technology
25LC1024 MICROCHIP-25LC1024_08 Datasheet
480Kb / 32P
1 Mbit SPI Bus Serial EEPROM
2008
25AA1024 MICROCHIP-25AA1024_10 Datasheet
561Kb / 34P
1 Mbit SPI Bus Serial EEPROM
2010
25AA1024_1005 MICROCHIP-25AA1024_1005 Datasheet
561Kb / 34P
1 Mbit SPI Bus Serial EEPROM
2010
25LC1024 MICROCHIP-25LC1024 Datasheet
705Kb / 34P
1 Mbit SPI Bus Serial EEPROM
2010
25LC1024-ESM MICROCHIP-25LC1024-ESM Datasheet
705Kb / 34P
1 Mbit SPI Bus Serial EEPROM
2010
25AA1024 MICROCHIP-25AA1024_15 Datasheet
496Kb / 36P
1 Mbit SPI Bus Serial EEPROM
01/27/15
logo
STMicroelectronics
M95M01-DF STMICROELECTRONICS-M95M01-DF Datasheet
878Kb / 51P
1-Mbit serial SPI bus EEPROM
21-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com