Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC123 Datasheet(PDF) 1 Page - STMicroelectronics

Part # HC123
Description  DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HC123 Datasheet(HTML) 1 Page - STMicroelectronics

  HC123 Datasheet HTML 1Page - STMicroelectronics HC123 Datasheet HTML 2Page - STMicroelectronics HC123 Datasheet HTML 3Page - STMicroelectronics HC123 Datasheet HTML 4Page - STMicroelectronics HC123 Datasheet HTML 5Page - STMicroelectronics HC123 Datasheet HTML 6Page - STMicroelectronics HC123 Datasheet HTML 7Page - STMicroelectronics HC123 Datasheet HTML 8Page - STMicroelectronics HC123 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
M54HC123/123A
M74HC123/123A
October 1993
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
B1R
(Plastic Package)
ORDER CODES :
M54HCXXXF1R
M74HCXXXM1R
M74HCXXXB1R
M74HCXXXC1R
F1R
(Ceramic Package)
M1R
(Micro Package)
C1R
(Chip Carrier)
PIN CONNECTIONS (top view)
NC =
No Internal
Connection
.
HIGH SPEED
tPD = 25 ns (TYP) at VCC =5V
.
LOW POWER DISSIPATION
STANDBY STATE ICC=4
µA (MAX.) AT TA=25°C
ACTIVE STATE ICC = 200
µA (TYP.) AT VCC=5V
.
HIGH NOISE IMMUNITY
VNIH =VNIL =28 % VCC (MIN.)
.
OUTPUT DRIVE CAPABILITY
10 LSTTL LOADS
.
SYMMETRICAL OUTPUT IMPEDANCE
IOH =IOL = 4 mA (MIN.)
.
BALANCED PROPAGATION DELAYS
tPLH =tPHL
.
WIDE OPERATING VOLTAGE RANGE
VCC (OPR) = 2 V TO 6 V
.
WIDE OUTPUT PULSE WIDTH RANGE
tWOUT = 120 ns
∼ 60 s OVER AT VCC = 4.5 V
.
PIN AND FUNCTION COMPATIBLE WITH
54/74LS123
The M54/74HC123 is a high speed CMOS MONO-
STABLE multivibrator fabricated with silicon gate
C
2MOS technology. It achieves the high speed
operation similar to equivalent LSTTL while main-
taining the CMOS low power dissipation. There are
two trigger inputs, A INPUT (negative edge) and 8
INPUT (positive edge). These inputs are valid for
slow rising/falling signals, (tr = tf = I sec). The device
may also be triggered by using the CLR input (posi-
tive-edge) because of the Schmitt-trigger input ;
after triggering the output maintains the MONO-
STABLE state for the time period determined by the
external resistor Rx and capacitor Cx. When Cx
≥
10nF and Rx
≥ 10KΩ, the output pulse width value
is approssimatively given by the formula: tw(out) =K
• Cx • Rx.
Two different pulse width constant are available:
K
≅ 0.45 for HC123
K
≅ 1 for HC123A.
Taking CLR low breaks this MONOSTABLE
STATE. If the next trigger pulse occurs during the
MONOSTABLEperiod it makes the MONOSTABLE
period longer. Limit for values of Cx and Rx :
Cx : NO LIMIT
Rx : VCC < 3.0 V 5 K
Ω to 1 M Ω
VCC
≥ 3.0 V 1 K Ω to 1 M Ω
All inputs are equipped with protection circuits
DESCRIPTION
1/14


Similar Part No. - HC123

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
HC123 NSC-HC123 Datasheet
198Kb / 6P
Dual Retriggerable Monostable Multivibrator
logo
NXP Semiconductors
HC123 PHILIPS-HC123 Datasheet
124Kb / 17P
Dual retriggerable monostable multivibrator with reset
1998 Jul 08
logo
Texas Instruments
HC123 TI-HC123 Datasheet
56Kb / 8P
High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Resets
logo
Toshiba Semiconductor
HC123 TOSHIBA-HC123 Datasheet
486Kb / 12P
DUAL MONOSTABLE MULTIVIBRATOR. RETRIGGERBLE/NON-RETRIGGERBLE
logo
System Logic Semiconduc...
HC123 SLS-HC123 Datasheet
59Kb / 6P
Dual Retriggerable Monostable Multivibrator
More results

Similar Description - HC123

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54HC123A NSC-MM54HC123A Datasheet
198Kb / 6P
Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC423AP TOSHIBA-TC74HC423AP Datasheet
435Kb / 9P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC423A FAIRCHILD-MM74HC423A Datasheet
108Kb / 10P
Dual Retriggerable Monostable Multivibrator
logo
Microsemi Corporation
TSC347 MICROSEMI-TSC347 Datasheet
600Kb / 4P
Dual Retriggerable Monostable Multivibrator
logo
STMicroelectronics
M74HC123 STMICROELECTRONICS-M74HC123 Datasheet
503Kb / 12P
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
Jul-2001
logo
Fairchild Semiconductor
MM74HC123A FAIRCHILD-MM74HC123A_01 Datasheet
133Kb / 10P
Dual Retriggerable Monostable Multivibrator
74VHC123A FAIRCHILD-74VHC123A_07 Datasheet
468Kb / 14P
Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC123AP TOSHIBA-TC74HC123AP_07 Datasheet
505Kb / 14P
Dual Retriggerable Monostable Multivibrator
logo
ON Semiconductor
74VHC123A ONSEMI-74VHC123A Datasheet
467Kb / 16P
Dual Retriggerable Monostable Multivibrator
May 2007 Rev. 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com