Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M54HC161 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M54HC161
Description  SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC161 Datasheet(HTML) 3 Page - STMicroelectronics

  M54HC161 Datasheet HTML 1Page - STMicroelectronics M54HC161 Datasheet HTML 2Page - STMicroelectronics M54HC161 Datasheet HTML 3Page - STMicroelectronics M54HC161 Datasheet HTML 4Page - STMicroelectronics M54HC161 Datasheet HTML 5Page - STMicroelectronics M54HC161 Datasheet HTML 6Page - STMicroelectronics M54HC161 Datasheet HTML 7Page - STMicroelectronics M54HC161 Datasheet HTML 8Page - STMicroelectronics M54HC161 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TRUTH TABLE
M54/74HC160/161
M54/74HC162/163
OUTPUTS
FUNCTION
INPUTS
INPUTS
CLR
LD
PE
TE
CK
CLR
LD
PE
TE
CK
QA
QB
QC
QD
L
X
X
X
X
L
X
X
X
LLLL
RESET TO ”0”
H
L
X
X
H
L
X
X
A
B
C
D
PRESET DATA
H
H
X
L
H
H
X
L
NO CHANGE
NO COUNT
H
H
L
X
H
H
L
X
NO CHANGE
NO COUNT
HHHH
HHH
H
COUNT UP
COUNT
H
X
X
X
X
X
X
X
NO CHANGE
NO COUNT
Note:
X
: Don’t Care
A, B, C, D : Logi level of data inputs
Carry
: CARRY = TE
• QA • QB • QC • QD ............ (M54/74HC160/162)
: CARRY = TE
• QA • QB • QC • QD ............ (M54/74HC161/163)
TIMING CHART (HC160/162 : decade counter)
M54/M74HC160/161/162/163
3/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com