Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS5843 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CS5843
Description  LCD Panel Timing Controller
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CS5843 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CS5843 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LCD Panel Timing Controller (15")
CS5843
BLOCK DIAGRAM
GENERAL DESCRIPTION
FEATURES (continued)
FEATURES
USA:
1485 Saratoga Ave. #200
San Jose, CA, 95129
Tel: 408-973-8388 Fax: 408-973-9388
Sales@myson.com.tw
www.myson.com.tw
Rev.0.91 June 2002
page 1 of 25
Myson Century, Inc.
Taiwan:
No. 2, Industry East Rd. III,
Science-Based Industrial Park, Hsin-Chu, Taiwan
Tel: 886-3-5784866 Fax: 886-3-5784349
• CS5843 Interface (5V/3.3V[CMOS] input,
3.3V[CMOS] output)
• Single (XGA2: 65MHz)/dual (XGA: 32.5MHz) 6-bit
Data input; dual port 6-bit output; SXGA auto
detective
• Timing adjustable for horizontal clock output
• Correspondent to control timing & specific resolu-
tion for different Driver IC by changing a Mask:
1. can vary the pulse width & starting position
of LP signal and POL signal polarity
position changed along with LP signal
2. can vary the pulse width & starting position
of CLKV signal and tgs time
• Control ASIC output timing design is based on
Data Enable signals
• Embedded Power On Reset circuits, Vth=2.1V, tol-
erance ± 0.3V
•
ESD spec. 4KV
•
Power On Latch Up 200mA/6.6V
• Single 3.3V supply
• 144-pin LQFP package
The CS5843 is a TFT-LCD timing controller, which
is applicable to 6-bit data XGA (1024*768), SXGA
(1280*1024).
CS5843 can update the response timing for
display mode of XGA and SXGA automatically.
CS5843 provides a selectable polarity check
function to inverse output data for EMI reducing,
when the toggle number of ODD/EVEN RGB outputs
is larger than 10.
DENA
VD
HD
DCLK1
INV
PNDCLK
PNVD
POLIN
DATAHT
SXMD
PNHMS
PLMD
SET
HITAENB
CLKHT
GT(2~1)
ODDRI(5~0)
ODDGI(5~0)
ODDBI(5~0)
PNHD
ICMD(2~1)
SCMD
EVENRI(5~0)
EVENGI(5~0)
EVENBI(5~0)
CLKV
STV1
STV2
CLKH
STH8
POL
RLSC
LP
SHC
STH1
POWER ON RESET
POL/SHC
GENERATOR
CLKV
GENERATOR
LP
GENERATOR
CLKH
GENERATOR
DELAY
SAMPLE
POLARITY
OUTPUT
SELECTOR
DATA-PATH
ODDGO(5~0)
EVENGO(5~0)
ODDRO(5~0)
EVENRO(5~0)
ODDBO(5~0)
EVENBO(5~0)
HMS1
STH1/STH8
GENERATOR
STV1/STV3
GENERATOR
RGBD
INPUT
SELECTOR
HMS2
CS5843


Similar Part No. - CS5843

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS5820 ETC1-CS5820 Datasheet
135Kb / 12P
21:3 LVDS Transmitter
CS5821 ETC1-CS5821 Datasheet
185Kb / 14P
21:3 LVDS Receiver
CS5823 ETC1-CS5823 Datasheet
41Kb / 1P
TMDS Receiver
CS5824 ETC1-CS5824 Datasheet
194Kb / 13P
28:4 LVDS Transmitter
CS5825 ETC1-CS5825 Datasheet
127Kb / 13P
28:4 LVDS Receiver
More results

Similar Description - CS5843

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
FPD85310 NSC-FPD85310 Datasheet
440Kb / 29P
Panel Timing Controller
logo
Texas Instruments
SN75LVDS88 TI-SN75LVDS88 Datasheet
149Kb / 12P
TFT LCD PANEL TIMING CONTROLLER WITH LVDS INTERFACE
SN75LVDS88A TI-SN75LVDS88A Datasheet
150Kb / 12P
TFT LCD PANEL TIMING CONTROLLER WITH LVDS INTERFACE
SN75LVDS88B TI-SN75LVDS88B Datasheet
150Kb / 12P
TFT LCD PANEL TIMING CONTROLLER WITH LVDS INTERFACE
logo
Hitachi Semiconductor
HD61830 HITACHI-HD61830 Datasheet
173Kb / 43P
LCDC (LCD Timing Controller)
HD64645 HITACHI-HD64645 Datasheet
156Kb / 50P
LCTC (LCD Timing Controller)
logo
National Semiconductor ...
FPD85308 NSC-FPD85308 Datasheet
474Kb / 31P
Panel Timing Controller
logo
Texas Instruments
FPD87392AXA TI1-FPD87392AXA Datasheet
187Kb / 6P
TFT-LCD Timing Controller
FPD87392 TI1-FPD87392_13 Datasheet
909Kb / 27P
TFT-LCD Timing Controller
logo
Fitipower Integrated Te...
EK6709 FITIPOWER-EK6709 Datasheet
325Kb / 11P
TFT LCD Timing Controller
Rev.1.0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com