Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NP100P04PLG Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # NP100P04PLG
Description  -40V – -100A – P-channel Power MOS FET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP100P04PLG Datasheet(HTML) 6 Page - Renesas Technology Corp

  NP100P04PLG Datasheet HTML 1Page - Renesas Technology Corp NP100P04PLG Datasheet HTML 2Page - Renesas Technology Corp NP100P04PLG Datasheet HTML 3Page - Renesas Technology Corp NP100P04PLG Datasheet HTML 4Page - Renesas Technology Corp NP100P04PLG Datasheet HTML 5Page - Renesas Technology Corp NP100P04PLG Datasheet HTML 6Page - Renesas Technology Corp NP100P04PLG Datasheet HTML 7Page - Renesas Technology Corp NP100P04PLG Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NP100P04PLG
R07DS1513EJ0101 Rev.1.01
Page 6 of 7
Jul.14.2022
Test Circuit
tr
td(on)
90%
90%
10%
td(off)
90%
10%
tf
Waveform
VDS
VGS
VGS
VDD
RL
RG
10%
D.U.T.
Test Circuit
Switching Time
Waveform
VDS
VDD
VGS
VDD
L
RG
D.U.T.
Test Circuit
Avalanche
V(BR)DSS
ID
IAS
EAS = 1
2
・L・
IAS2・
V(BR)DSS
V(BR)DSS - VDD
Qg
Waveform
VDS
VGS
VGS
VDD
RL
IG
D.U.T.
Test Circuit
Gate Charge
Qgd
Qgs
Waveform
VGS
VDD
L
RG
Test Circuit
Reverse Recovery
D.U.T.
IF
IF
0
trr
Qrr
di/dt



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com