Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXPANSIONBOARD2.0 Datasheet(PDF) 1 Page - Pycom

Part # EXPANSIONBOARD2.0
Description  Introducing the Expansion Board 2.0, compatible with the WiPy 2.0, LoPy, SiPy and FiPy.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

EXPANSIONBOARD2.0 Datasheet(HTML) 1 Page - Pycom

  EXPANSIONBOARD2.0 Datasheet HTML 1Page - Pycom  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Introducing the Expansion Board 2.0, compatible with the WiPy
2.0, LoPy, SiPy and FiPy.
Create and connect your things everywhere. Fast.
Expansion Board 2.0
- USB and LiPo battery powered
- FT234XD USB to serial converter
- LiPo battery charger (BQ24040), with options for two different
charging currents (100mA and 450mA)
- TPS2115A with reverse voltage protection
- MicroSD card slot
- Three female headers to easily plug in the Wipy 2.0, LoPy, SiPy
or FiPy
- JST style battery connector
- Power LED and charge status LED
- One user LED and one user switch
- Battery voltage monitoring via the WiPy ADC
- Lots of jumpers to enable/disable features
With dozens of ready to use templates and libraries soon to
be available on the Pycom Exchange, developing a new IoT
solution is now easier and faster.
Expansion Board 2.0 Features
Use the Pymakr Plugins
Plugins for popular code editors to write your MicroPython scripts
For easy and fast debugging use the interactive shell that is acces
-
sible through telnet or one of the serial ports.
Easy Upload
1.0, WiPy 2.0, LoPy or SiPy via the FTP server
Locally or remotely
Reset the microcontroller (you can do it locally, or remotely via
Telnet)
Mechanical
Size: 65 x 50 x 8mm
LiPo battery
connector
Feature selection
jumpers
Micro USB connector
for power and serieal
communication
USB powered LED
Charge indication LED
User LED
User push
button
MicroSD
card socket
Distributed and manufactured by Pycom Ltd.
High Point, 9 Sydenham Road, Guildford, Surrey GU1 3RX, UK
Copyright © 2017 by Pycom Ltd. All rights reserved. No part of this
document may be reproduced, distributed, or transmitted in any form or
by any means, including photocopying, recording, or other electronic or
mechanical methods, without the prior written permission of Pycom Ltd,
except in the case of brief quotations embodied in critical reviews and
certain other noncommercial uses permitted by copyright law.
To order contact
sales@pycom.io
05/12/17


Similar Part No. - EXPANSIONBOARD2.0

ManufacturerPart #DatasheetDescription
logo
Pycom
EXPANSIONBOARD3.0 PYCOM-EXPANSIONBOARD3.0 Datasheet
497Kb / 1P
Introducing the Expansion Board 3.0, compatible with all Pycom modules. Create and connect your things everywhere. Fast.
12/04/18
More results

Similar Description - EXPANSIONBOARD2.0

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT43USB380 ATMEL-AT43USB380 Datasheet
64Kb / 8P
On-The-Go Upgrade of the AT43USB370 USB 2.0 Full-Speed Host/Function Processor
logo
List of Unclassifed Man...
VT6202 ETC2-VT6202 Datasheet
770Kb / 30P
USB 2.0 UHCI and EHCI Host Controller for the PCI Bus
logo
GENESYS LOGIC
GL824 GENESYS-GL824 Datasheet
1Mb / 56P
USB 2.0 On-The-Go Controller
logo
PulseCore Semiconductor
PCS3P73U00A PULSECORE-PCS3P73U00A_2 Datasheet
324Kb / 1P
Introducing USB 2.0 Peak EMI Reduction IC
logo
Richco, Inc.
CP-RJ11 RICHCO-CP-RJ11 Datasheet
212Kb / 1P
Introducing the CP-RJ, RJ45/RJ11 Connector Plug
logo
Sharp Corporation
GW6TGCBG4FD SHARP-GW6TGCBG4FD Datasheet
3Mb / 2P
Introducing the Newest Member of the Zenigata Family
logo
STMicroelectronics
AN4102 STMICROELECTRONICS-AN4102 Datasheet
174Kb / 16P
Introducing the low-power concept in automotive applications using the STM8AL board of the STM8A-DISCOVERY
21-Dec-2012
logo
Japan Aviation Electron...
DX4 JAE-DX4 Datasheet
562Kb / 10P
USB 2.0 Compatible Micro Connectors
logo
STMicroelectronics
UM1943 STMICROELECTRONICS-UM1943 Datasheet
1Mb / 28P
Getting started with the X-NUCLEO-IHM07M1 motor driver expansion board based on the L6230 for STM32 Nucleo
17-Sep-2015
M34E02-F STMICROELECTRONICS-M34E02-F Datasheet
1Mb / 36P
Backward compatible with the M34C02
14-May-2013
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com