Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXPANSIONBOARD3.0 Datasheet(PDF) 1 Page - Pycom

Part # EXPANSIONBOARD3.0
Description  Introducing the Expansion Board 3.0, compatible with all Pycom modules. Create and connect your things everywhere. Fast.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

EXPANSIONBOARD3.0 Datasheet(HTML) 1 Page - Pycom

  EXPANSIONBOARD3.0 Datasheet HTML 1Page - Pycom  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
modules. Create and connect your things everywhere. Fast.
Expansion Board 3.0
mode
charging currents (100mA and 450mA)
- MicroSD card slot
- Power LED and charge status LED
- One user LED and one user switch
- Lots of jumpers to enable/disable features
With dozens of ready to use templates and libraries soon to
be available on the Pycom Exchange, developing a new IoT
Expansion Board 3v.0 Features
Use the Pymakr Plugins
Plugins for popular code editors to write your MicroPython scripts
-
sible through telnet or one of the serial ports.
Easy Upload
1.0, WiPy 2.0, LoPy or SiPy via the FTP server
Locally or remotely
Reset the microcontroller (you can do it locally, or remotely via
Telnet)
Mechanical
Size: 65 x 50 x 8mm
connector
jumpers
Micro USB connector
for power and serieal
USB powered LED
User LED
User push
User Safe Boot
MicroSD
card socket
Distributed and manufactured by Pycom Ltd.
High Point, 9 Sydenham Road, Guildford, Surrey GU1 3RX, UK
Copyright © 2018 by Pycom Ltd. All rights reserved. No part of this
by any means, including photocopying, recording, or other electronic or
To order contact
sales@pycom.io
12/04/18


Similar Part No. - EXPANSIONBOARD3.0

ManufacturerPart #DatasheetDescription
logo
Pycom
EXPANSIONBOARD2.0 PYCOM-EXPANSIONBOARD2.0 Datasheet
167Kb / 1P
Introducing the Expansion Board 2.0, compatible with the WiPy 2.0, LoPy, SiPy and FiPy.
05/12/17
More results

Similar Description - EXPANSIONBOARD3.0

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
PCT-1000 OKI-PCT-1000 Datasheet
2Mb / 4P
Create Your Own Rework System
logo
Neutrik AG
NA2-IO-DLINE NEUTRIK-NA2-IO-DLINE Datasheet
136Kb / 2P
Connect your legacy audio gear to the Dante world.
logo
Moxa Inc.
DA-720-ETHERNET MOXA-DA-720-ETHERNET Datasheet
870Kb / 3P
Expansion modules with PRP/HSR ports and Giga LAN
DA-IRIGB-4DIO-PCI104-EMC4 MOXA-DA-IRIGB-4DIO-PCI104-EMC4 Datasheet
710Kb / 3P
Expansion modules with time-synchronization ports and DI/DO
EPM-3032 MOXA-EPM-3032 Datasheet
400Kb / 2P
Expansion peripheral modules (EPM) for the V2400 Series
EPM-3112 MOXA-EPM-3112 Datasheet
335Kb / 2P
Expansion peripheral modules (EPM) for the V2400 Series
EPM-3438 MOXA-EPM-3438 Datasheet
375Kb / 2P
Expansion peripheral modules (EPM) for the V2400 Series
EPM-DK02 MOXA-EPM-DK02 Datasheet
628Kb / 2P
Expansion peripheral modules (EPM) for the V2400 Series
logo
Molex Electronics Ltd.
987650-5290 MOLEX-987650-5290 Datasheet
155Kb / 2P
Quickly and easily connect your PC-based industrial applications to the industrial world with applicom??intelligent communication solutions
2015
logo
Black Box Registered Tr...
ES-701 BLACKBOX-ES-701 Datasheet
1Mb / 4P
CONNECT, CONFIGURE, CONTROL YOUR SERIAL DEVICES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com