Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L01 Datasheet(PDF) 21 Page - Pycom

Part # L01
Description  the only triple bearer MicroPython enabled micro controller on the market today – the perfect enterprise grade IoT platform for your connected Things.
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

L01 Datasheet(HTML) 21 Page - Pycom

Back Button L01 Datasheet HTML 17Page - Pycom L01 Datasheet HTML 18Page - Pycom L01 Datasheet HTML 19Page - Pycom L01 Datasheet HTML 20Page - Pycom L01 Datasheet HTML 21Page - Pycom L01 Datasheet HTML 22Page - Pycom L01 Datasheet HTML 23Page - Pycom L01 Datasheet HTML 24Page - Pycom L01 Datasheet HTML 25Page - Pycom Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
21
Symbol
Description
Conditions
Min
Typ.
Max
Unit
ACR_LCW
Adjacent channel rejection
FRF = 868 MHz
Interferer is 1.5*BW_L from the
wanted signal centre frequency 1%
PER, Single CW tone = Sensitivity
+ 3dB
SF = 7
–
60
–
dB
SF = 12
–
72
–
dB
IMR_LCW
Image rejection after
calibration
1% PER, Single CW tone = sensitivity
+ 3dB
–
66
–
dB
FERR_L
Maximum tolerated frequency
offset between transmitter
and receiver, no sensitivity
degradation
BW_L = 125kHz
–30
–
30
kHz
BW_L = 250kHz
–60
–
60
kHz
BW_L = 500kHz
–120
–
120
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com