Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0700461908968 Datasheet(PDF) 2 Page - Pycom

Part # 0700461908968
Description  OEM Module is the latest Pycom triple–bearer MicroPython enabled micro controller on the market today – the perfect enterprise grade IoT platform for your connected things.
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PYCOM [Pycom]
Direct Link  https://docs.pycom.io/
Logo PYCOM - Pycom

0700461908968 Datasheet(HTML) 2 Page - Pycom

  0700461908968 Datasheet HTML 1Page - Pycom 0700461908968 Datasheet HTML 2Page - Pycom 0700461908968 Datasheet HTML 3Page - Pycom 0700461908968 Datasheet HTML 4Page - Pycom 0700461908968 Datasheet HTML 5Page - Pycom 0700461908968 Datasheet HTML 6Page - Pycom 0700461908968 Datasheet HTML 7Page - Pycom 0700461908968 Datasheet HTML 8Page - Pycom 0700461908968 Datasheet HTML 9Page - Pycom Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
02
3.0
Specifications
3.1
CPU
– Xtensa® dual–core 32–bit LX6 microprocessor(s), up
to 600 DMIPS
– Hardware floating point acceleration
– Python multi–threading
– An extra ULP–coprocessor that can monitor GPIOs,
the ADC channels and control most of the internal
peripherals during deep–sleep mode while only
consuming 25uA.
3.2
Memory
– RAM: 520KB + 4MB
– External flash: 8MB
3.3
WiFi
– 802.11b/g/n 16mbps
3.4
Bluetooth
– Low energy and classic
3.5
LTE CAT–M1/NB–IoT
– One single chip for both CAT M1 and NB1
– 3GPP release 13 LTE Advanced Pro
– Supports narrowband LTE UE categories M1/NB1
– Integrated baseband, RF, RAM memory and power
management
– Reduced TX power class option
– Peak power estimations:
TX current = 420mA peak @1.5Watt
RX current = 330mA peak @1.2Watt
– Extended DRX (eDRX) and PSM features for long
sleep duration use cases
3.6
RTC
– Running at 150kHz
3.7
Security
– SSL/TLS support
– WPA Enterprise security
3.8
Hash / encryption
– SHA
– MD5
– DES
– AES
4.0
Block Diagram
Figure 1 – System block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com